Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640ECNFB Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # R5F3640ECNFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640ECNFB Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R5F3640ECNFB Datasheet HTML 20Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 21Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 22Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 23Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 24Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 25Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 26Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 27Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 24 of 88
Feb 07, 2011
M16C/64C Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.5
SFR Information (5) (1)
Address
Register
Symbol
Reset Value
0180h
DMA0 Source Pointer
SAR0
XXh
0181h
XXh
0182h
0Xh
0183h
0184h
DMA0 Destination Pointer
DAR0
XXh
0185h
XXh
0186h
0Xh
0187h
0188h
DMA0 Transfer Counter
TCR0
XXh
0189h
XXh
018Ah
018Bh
018Ch
DMA0 Control Register
DM0CON
0000 0X00b
018Dh
018Eh
018Fh
0190h
DMA1 Source Pointer
SAR1
XXh
0191h
XXh
0192h
0Xh
0193h
0194h
DMA1 Destination Pointer
DAR1
XXh
0195h
XXh
0196h
0Xh
0197h
0198h
DMA1 Transfer Counter
TCR1
XXh
0199h
XXh
019Ah
019Bh
019Ch
DMA1 Control Register
DM1CON
0000 0X00b
019Dh
019Eh
019Fh
01A0h
DMA2 Source Pointer
SAR2
XXh
01A1h
XXh
01A2h
0Xh
01A3h
01A4h
DMA2 Destination Pointer
DAR2
XXh
01A5h
XXh
01A6h
0Xh
01A7h
01A8h
DMA2 Transfer Counter
TCR2
XXh
01A9h
XXh
01AAh
01ABh
01ACh
DMA2 Control Register
DM2CON
0000 0X00b
01ADh
01AEh
01AFh
X: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com