Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640ECNFB Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # R5F3640ECNFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640ECNFB Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button R5F3640ECNFB Datasheet HTML 51Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 52Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 53Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 54Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 55Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 56Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 57Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 58Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 55 of 88
Feb 07, 2011
M16C/64C Group
5. Electrical Characteristics
VCC1 = VCC2 = 5 V
5.2.2
Timing Requirements (Peripheral Functions and Others)
(VCC1 = VCC2 = 5 V, VSS = 0 V, at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified)
5.2.2.1
Reset Input (
RESET Input)
Figure 5.5
Reset Input (
RESET Input)
5.2.2.2
External Clock Input
Note:
1.
The condition is VCC1 = VCC2 = 3.0 to 5.0 V.
Figure 5.6
External Clock Input (XIN Input)
Table 5.21
Reset Input (
RESET Input)
Symbol
Parameter
Standard
Unit
Min.
Max.
tw(RSTL)
RESET input low pulse width
10
μs
Table 5.22
External Clock Input (XIN Input) (1)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc
External clock input cycle time
50
ns
tw(H)
External clock input high pulse width
20
ns
tw(L)
External clock input low pulse width
20
ns
tr
External clock rise time
9ns
tf
External clock fall time
9ns
RESET input
t w(RTSL)
XIN input
t w(H)
tr
tf
t w(L)
tc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com