Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640ECNFB Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # R5F3640ECNFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640ECNFB Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button R5F3640ECNFB Datasheet HTML 37Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 38Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 39Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 40Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 41Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 42Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 43Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 44Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 41 of 88
Feb 07, 2011
M16C/64C Group
5. Electrical Characteristics
5.1.2
Recommended Operating Conditions
Note:
1.
The average output current is the mean value within 100 ms.
Table 5.2
Recommended Operating Conditions (1/3)
VCC1 = VCC2 = 2.7 to 5.5 V at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified.
Symbol
Parameter
Standard
Unit
Min.
Typ.
Max.
VCC1,
VCC2
Supply voltage (VCC1 ≥ VCC2)
CEC function is not used
2.7
5.0
5.5
V
CEC function is used
2.7
3.63
V
AVCC
Analog supply voltage
VCC1
V
VSS
Supply voltage
0
V
AVSS
Analog supply voltage
0
V
VIH
High input
voltage
P3_1 to P3_7, P4_0 to P4_7, P5_0 to P5_7
0.8VCC2
VCC2
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0
(in single-chip mode)
0.8VCC2
VCC2
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0
(data input in memory expansion and microprocessor
modes)
0.5VCC2
VCC2
V
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4, P8_6, P8_7,
P9_0 to P9_7, P10_0 to P10_7
XIN,
RESET, CNVSS, BYTE
0.8VCC1
VCC1
V
P7_0, P7_1, P8_5
0.8VCC1
6.5
V
CEC
0.7VCC1
V
VIL
Low input
voltage
P3_1 to P3_7, P4_0 to P4_7, P5_0 to P5_7
0
0.2VCC2
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0
(in single-chip mode)
00.2VCC2
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0
(data input in memory expansion and microprocessor mode)
0
0.16VCC2
V
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7, P9_0 to P9_7,
P10_0 to P10_7
XIN,
RESET, CNVSS, BYTE
00.2VCC1
V
CEC
0.26VCC1
V
IOH(sum) High peak
output
current
Sum of IOH(peak) at P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7
-40.0
mA
Sum of IOH(peak) at P3_0 to P3_7, P4_0 to P4_7,
P5_0 to P5_7
-40.0
mA
Sum of IOH(peak) at P6_0 to P6_7, P7_2 to P7_7,
P8_0 to P8_4
-40.0
mA
Sum of IOH(peak) at P8_6, P8_7, P9_0 to P9_7,
P10_0 to P10_7
-40.0
mA
IOH(peak) High peak
output
current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4, P8_6, P8_7,
P9_0 to P9_7, P10_0 to P10_7
−10.0
mA
IOH(avg) High
average
output
current (1)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4, P8_6, P8_7,
P9_0 to P9_7, P10_0 to P10_7
−5.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com