Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640ECNFB Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # R5F3640ECNFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640ECNFB Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button R5F3640ECNFB Datasheet HTML 83Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 84Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 85Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 86Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 87Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 88Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 89Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 90Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 91Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 89 / 91 page
background image
A - 1
REVISION HISTORY
M16C/64C Group Datasheet
Rev.
Date
Description
Page
Summary
0.10
Oct 29, 2010
-
First Edition issued.
1.00
Feb 07, 2011
Overall
Changed terminologies are as follows:
• “oscillation/oscillator circuit” to “oscillator”
• “oscillator” to “a crystal/ceramic resonator”
• “oscillator manufacturer” to “manufacturer of crystal/ceramic resonator”
• “on-chip oscillator oscillation circuit” to “on-chip oscillator”
Overview
3
Table 1.2 Specifications for the 100-Pin Package (2/2): Changed the Description column of the
Current Consumption row.
4
Table 1.3 Product List (N-Version), Table 1.4 Product List (D-Version): Changed the development
status.
Electrical Characteristics
VCC = 5 V
53, 54
Table 5.19 Electrical Characteristics (3), Table 5.20 Electrical Characteristics (4):
Added conditions when XIN is 6MHz to the Wait mode measuring condition.
63, 66, 68
In Switching Characteristics (Memory Expansion Mode and Microprocessor Mode),
Table 5.35, Table 5.36, Table 5.37:
• Deleted the th(BCLK-DB) row.
• Changed the formula of th(WR-DB) for minimum standard.
65, 67, 69
Figure 5.15, Figure 5.16, Figure 5.17:
Deleted the description of th(BCLK-DB), and changed the formula of th(WR-DB) in the Write
timing.
VCC = 3 V
71, 72
Table 5.39 Electrical Characteristics (2), Table 5.40 Electrical Characteristics (3):
Added conditions when XIN is 6MHz to the Wait mode measuring condition.
81, 84, 86
In Switching Characteristics (Memory Expansion Mode and Microprocessor Mode),
Table 5.55, Table 5.56, Table 5.57:
• Deleted the th(BCLK-DB) row.
• Changed the formula of th(WR-AD) for minimum standard.
• Changed the formula of th(WR-DB) for minimum standard.
83, 85, 87
Figure 5.28, Figure 5.29, Figure 5.30:
• Deleted the description of th(BCLK-DB), and changed the formulas of th(WR-AD) and
th(WR-DB) in the Write timing.
All trademarks and registered trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com