Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640ECNFB Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # R5F3640ECNFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640ECNFB Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button R5F3640ECNFB Datasheet HTML 64Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 65Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 66Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 67Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 68Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 69Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 70Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 71Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 68 of 88
Feb 07, 2011
M16C/64C Group
5. Electrical Characteristics
VCC1 = VCC2 = 5 V
Switching Characteristics
(VCC1 = VCC2 = 5 V, VSS = 0 V, at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified)
5.2.4.3
In 2 or 3 Waits Setting, and When Accessing External Area and Using
Multiplexed Bus
Notes:
1.
Calculated according to the BCLK frequency as follows:
2.
Calculated according to the BCLK frequency as follows:
n is 2 for 2-wait setting, 3 for 3-wait setting.
3.
Calculated according to the BCLK frequency as follows:
4.
Calculated according to the BCLK frequency as follows:
5.
When using multiplex bus, set f(BCLK) 12.5 MHz or less.
6.
Calculated according to the BCLK frequency as follows:
Table 5.37
Memory Expansion Mode and Microprocessor Mode (in 2 or 3 Waits Setting, and When
Accessing External Area and Using Multiplexed Bus) (5)
Symbol
Parameter
Measuring
Condition
Standard
Unit
Min.
Max.
td(BCLK-AD)
Address output delay time
See
Figure 5.14
25
ns
th(BCLK-AD)
Address output hold time (in relation to BCLK)
0ns
th(RD-AD)
Address output hold time (in relation to RD)
(Note 1)
ns
th(WR-AD)
Address output hold time (in relation to WR)
(Note 1)
ns
td(BCLK-CS)
Chip select output delay time
25
ns
th(BCLK-CS)
Chip select output hold time (in relation to BCLK)
0ns
th(RD-CS)
Chip select output hold time (in relation to RD)
(Note 1)
ns
th(WR-CS)
Chip select output hold time (in relation to WR)
(Note 1)
ns
td(BCLK-RD)
RD signal output delay time
25
ns
th(BCLK-RD)
RD signal output hold time
0ns
td(BCLK-WR)
WR signal output delay time
25
ns
th(BCLK-WR)
WR signal output hold time
0ns
td(BCLK-DB)
Data output delay time (in relation to BCLK)
40
ns
td(DB-WR)
Data output delay time (in relation to WR)
(Note 2)
ns
th(WR-DB)
Data output hold time (in relation to WR)
(Note 6)
ns
td(BCLK-ALE)
ALE signal output delay time (in relation to BCLK)
15
ns
th(BCLK-ALE)
ALE signal output hold time (in relation to BCLK)
−4ns
td(AD-ALE)
ALE signal output delay time (in relation to Address)
(Note 3)
ns
th(AD-ALE)
ALE signal output hold time (in relation to Address)
(Note 4)
ns
td(AD-RD)
RD signal output delay from the end of address
0ns
td(AD-WR)
WR signal output delay from the end of address
0ns
tdz(RD-AD)
Address output floating start time
8ns
0.5
10
9
×
f
BCLK
()
----------------------10 ns
[]
–
n
0.5
–
() 10
9
×
f
BCLK
()
------------------------------------40 ns
[]
–
0.5
10
9
×
f
BCLK
()
----------------------25 ns
[]
–
0.5
10
9
×
f
BCLK
()
----------------------15 ns
[]
–
0.5
10
9
×
f
BCLK
()
----------------------20 ns
[]
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com