Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640ECNFB Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # R5F3640ECNFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640ECNFB Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button R5F3640ECNFB Datasheet HTML 19Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 20Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 21Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 22Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 23Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 24Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 25Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 26Page - Renesas Technology Corp R5F3640ECNFB Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 23 of 88
Feb 07, 2011
M16C/64C Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.4
SFR Information (4) (1)
Address
Register
Symbol
Reset Value
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
0069h
DMA2 Interrupt Control Register
DM2IC
XXXX X000b
006Ah
DMA3 Interrupt Control Register
DM3IC
XXXX X000b
006Bh
UART5 Bus Collision Detection Interrupt Control Register
CEC1 Interrupt Control Register
U5BCNIC
CEC1IC
XXXX X000b
006Ch
UART5 Transmit Interrupt Control Register
CEC2 Interrupt Control Register
S5TIC
CEC2IC
XXXX X000b
006Dh
UART5 Receive Interrupt Control Register
S5RIC
XXXX X000b
006Eh
UART6 Bus Collision Detection Interrupt Control Register
Real-Time Clock Periodic Interrupt Control Register
U6BCNIC
RTCTIC
XXXX X000b
006Fh
UART6 Transmit Interrupt Control Register
Real-Time Clock Compare Interrupt Control Register
S6TIC
RTCCIC
XXXX X000b
0070h
UART6 Receive Interrupt Control Register
S6RIC
XXXX X000b
0071h
UART7 Bus Collision Detection Interrupt Control Register
Remote Control Signal Receiver 0 Interrupt Control Register
U7BCNIC
PMC0IC
XXXX X000b
0072h
UART7 Transmit Interrupt Control Register
Remote Control Signal Receiver 1 Interrupt Control Register
S7TIC
PMC1IC
XXXX X000b
0073h
UART7 Receive Interrupt Control Register
S7RIC
XXXX X000b
0074h
0075h
0076h
0077h
0078h
0079h
007Ah
007Bh
I2C-bus Interface Interrupt Control Register
IICIC
XXXX X000b
007Ch
SCL/SDA Interrupt Control Register
SCLDAIC
XXXX X000b
007Dh
007Eh
007Fh
0080h to
017Fh
X: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com