Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3LP26B Datasheet(PDF) 121 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 121 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 117Page - Agere Systems OR3LP26B Datasheet HTML 118Page - Agere Systems OR3LP26B Datasheet HTML 119Page - Agere Systems OR3LP26B Datasheet HTML 120Page - Agere Systems OR3LP26B Datasheet HTML 121Page - Agere Systems OR3LP26B Datasheet HTML 122Page - Agere Systems OR3LP26B Datasheet HTML 123Page - Agere Systems OR3LP26B Datasheet HTML 124Page - Agere Systems OR3LP26B Datasheet HTML 125Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 184 page
background image
Lucent Technologies Inc.
121
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description Quad Port (continued)
Target Read Memory Burst, No Delayed Transaction
Figure 47 (PCI bus) and Figure 46 (FPGA bus) show the timing for a Target memory burst read of four Quadwords
handled as a nondelayed transaction. Figure 47 shows the timing on the PCI interface is similar to that of an I/O
read (Figure 40) except that stop is not asserted here to cause disconnect with data, but rather the operation is free
to continue since it is allowed to complete on the source (PCI) bus before it completes on the destination (FPGA)
bus.
5-8861(F).a
Figure 47. Target Read Memory Burst, No Delayed (PCI Bus, 32-Bit)
T0
T1
T2
T3
Tn0
Tn1
Tn2
Tn3
Tn4
Tn5
Tn6
X
ADRS
X
X
D0
D1
D2
D3
X
X
CMD
BE0
BE0
BE1
BE2
BE3
clk
framen
ad
c_ben
irdyn
devseln
trdyn
stopn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com