Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM552B11H102KA01D Datasheet(PDF) 63 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 63 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 61Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 62Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 63Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 64Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 65Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 221 page
background image
GRM Series Data
Continued on the following page.
s Capacitance - Temperature Characteristics
s Capacitance Change - Aging
s Impedance - Frequency Characteristics
5C: GRM15
R
∆: GRM15
R
-20
-15
-10
-5
0
5
10
15
20
-60
-40
-20
0
20
40
60
80
100
120
140
5C
R6
R7
Measuring condition: 5C ··· 1MHz, R
∆ ··· 1kHz
Temperature (
°C)
-40
-30
-20
-10
0
10
20
10
100
1000
10000
Measuring condition: 5C ··· 1MHz, R
∆ ··· 1kHz
Time (Hr)
5C
R
0.01
0.1
1
10
100
10000
1000
100
10
1
1000pF
100pF
10pF
1pF
0.001
0.01
0.1
1
10
100
0.1
µF
0.01
µF
1000pF
1000
100
10
1
0.1
0.001
0.01
0.1
1
10
100
0.01
0.1
1
10
100
GRM15 1
µF
GRM18 10
µF
GRM31 100
µF
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
The data herein are given in typical values, not guaranteed ratings.
Continued on the following page.
Please refer to our Web site or contact our sales representatives for individual Part Number's data.
Our Web Site: http://www.murata.com/products/capacitor/tech_data/
GRM Series Data
61
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com