Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM1811A Datasheet(PDF) 101 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 101 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 97Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 98Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 99Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 100Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 101Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 102Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 103Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 104Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 105Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
101
Table 54 and Table 55 describe the recommended sequences for enabling and disabling these output
drivers.
SEQUENCE
HEADPHONE ENABLE
Step 1
Write 0x0003 to Register R258 (0102h)
Write 0x0C07 to Register R86 (0056h)
Write 0x007E to Register R93 (005Dh)
Write 0x0000 to Register R94 (005Eh)
Write 0x0000 to Register R258 (0102h)
(These register writes must be executed in the order noted
above.)
Step 2
HPOUT1L_ENA = 1
HPOUT1R_ENA = 1
Step 3
20
s delay
Step 4
HPOUT1L_DLY = 1
HPOUT1R_DLY = 1
Step 5
Run the DC Servo in Start-Up mode:
Write 0x0033 to R84 (0054h)
Step 6
Wait until offset correction is complete:
This is indicated when DCS_STARTUP_COMPLETE=11b
Step 7
Read back DCS_DAC_WR_VAL_0 and
DCS_DAC_WR_VAL_1 from Register R89 (0059h)
Step 8
Subtract 0x09 from DCS_DAC_WR_VAL_0
Subtract 0x05 from DCS_DAC_WR_VAL_1
Step 9
Write the updated values of DCS_DAC_WR_VAL_0 and
DCS_DAC_WR_VAL_1 to Register R89 (0059h)
Step 10
Run the DC Servo in DAC Write mode:
Write 0x000F to R84 (0054h)
Step 11
HPOUT1L_OUTP = 1
HPOUT1L_RMV_SHORT = 1
HPOUT1R_OUTP = 1
HPOUT1R_RMV_SHORT = 1
Table 54 Headphone Output Enable Sequence
SEQUENCE
HEADPHONE DISABLE
Step 1
HPOUT1L_RMV_SHORT = 0
HPOUT1L_DLY = 0
HPOUT1L_OUTP = 0
HPOUT1R_RMV_SHORT = 0
HPOUT1R_DLY = 0
HPOUT1R_OUTP = 0
Step 2
HPOUT1L_ENA = 0
HPOUT1R_ENA = 0
Table 55 Headphone Output Disable Sequence
The register bits relating to pop suppression control are defined in Table 56.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com