Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM1811A Datasheet(PDF) 103 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 103 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 99Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 100Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 101Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 102Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 103Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 104Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 105Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 106Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 107Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
103
OUTPUT MIXER CONTROL
The Output Mixer path select and volume controls are described in Table 57 for the Left Channel
(MIXOUTL) and Table 58 for the Right Channel (MIXOUTR). The gain of each of input path may be
controlled independently in the range 0dB to -9dB.
Note that the DAC input levels may also be controlled by the DAC Output Paths digital volume
controls(see “Digital Mixing”) and also (when applicable) by the Audio Interface Input Paths digital
volume controls(see “Digital Volume and Filter Control”).
When using the IN2LP, IN2LN, IN2RP or IN2RN signal paths to the output mixers, the buffered VMID
reference must be enabled, using the VMID_BUF_ENA register, as described in “Reference Voltages
and Master Bias”.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R45 (002Dh)
Output Mixer
(1)
5
IN2RN_TO_MIXOUT
L
0
IN2RN to MIXOUTL Mute
0 = Mute
1 = Un-mute
Note that VMID_BUF_ENA must be
set when using the IN2RN input to
MIXOUTL.
R49 (0031h)
Output Mixer
(5)
8:6
IN2RN_MIXOUTL_V
OL[2:0]
000
IN2RN to MIXOUTL Volume
0dB to -9dB in 3dB steps
X00 = 0dB
X01 = -3dB
X10 = -6dB
X11 = -9dB
R45 (002Dh)
Output Mixer
(1)
4
IN2LN_TO_MIXOUTL
0
IN2LN to MIXOUTL Mute
0 = Mute
1 = Un-mute
Note that VMID_BUF_ENA must be
set when using the IN2LN input to
MIXOUTL.
R47 (002Fh)
Output Mixer
(3)
8:6
IN2LN_MIXOUTL_VO
L[2:0]
000
IN2LN to MIXOUTL Volume
0dB to -9dB in 3dB steps
X00 = 0dB
X01 = -3dB
X10 = -6dB
X11 = -9dB
R45 (002Dh)
Output Mixer
(1)
2
IN1L_TO_MIXOUTL
0
IN1LPGA Output to MIXOUTL Mute
0 = Mute
1 = Un-mute
R47 (002Fh)
Output Mixer
(3)
2:0
IN1L_MIXOUTL_VOL
[2:0]
000
IN1LPGA Output to MIXOUTL
Volume
0dB to -9dB in 3dB steps
X00 = 0dB
X01 = -3dB
X10 = -6dB
X11 = -9dB
R45 (002Dh)
Output Mixer
(1)
3
IN1R_TO_MIXOUTL
0
IN1RPGA Output to MIXOUTL Mute
0 = Mute
1 = Un-mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com