Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765/P Datasheet(PDF) 137 Page - Microchip Technology

Part # PIC16C765/P
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765/P Datasheet(HTML) 137 Page - Microchip Technology

Back Button PIC16C765/P Datasheet HTML 133Page - Microchip Technology PIC16C765/P Datasheet HTML 134Page - Microchip Technology PIC16C765/P Datasheet HTML 135Page - Microchip Technology PIC16C765/P Datasheet HTML 136Page - Microchip Technology PIC16C765/P Datasheet HTML 137Page - Microchip Technology PIC16C765/P Datasheet HTML 138Page - Microchip Technology PIC16C765/P Datasheet HTML 139Page - Microchip Technology PIC16C765/P Datasheet HTML 140Page - Microchip Technology PIC16C765/P Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 158 page
background image
© 1999 Microchip Technology Inc.
Advanced Information
DS41124A-page 137
PIC16C745/765
FIGURE 16-11: USART SYNCHRONOUS TRANSMISSION (MASTER/SLAVE) TIMING
TABLE 16-8:
USART SYNCHRONOUS TRANSMISSION REQUIREMENTS
FIGURE 16-12: USART SYNCHRONOUS RECEIVE (MASTER/SLAVE) TIMING
TABLE 16-9:
USART SYNCHRONOUS RECEIVE REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
120*
TCKH2DTV
SYNC XMIT (MASTER & SLAVE)
Clock high to data out valid
——
80
ns
—
—
100
ns
121*
TCKRF
Clock out rise time and fall time (Master Mode)
—
—
45
ns
——
50
ns
122*
TDTRF
Data out rise time and fall time
—
—
45
ns
——
50
ns
*These parameters are characterized but not tested.
†Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
125*
TDTV2CKL
SYNC RCV (MASTER & SLAVE)
Data setup before CK
↓ (DT setup time)
15
——
ns
126*
TCKL2DTL
Data hold after CK
↓ (DT hold time)
15
—
—
ns
*These parameters are characterized but not tested.
†Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Note: Refer to Figure 16-2 for load conditions.
121
121
120
122
RC6/TX/CK
RC7/RX/DT
pin
pin
Note: Refer to Figure 16-2 for load conditions.
125
126
RC6/TX/CK pin
RC7/RX/DT pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com