Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM89516B Datasheet(PDF) 34 Page - SyncMOS Technologies,Inc

Part # SM89516B
Description  On-chip 768 bytes expanded RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516B Datasheet(HTML) 34 Page - SyncMOS Technologies,Inc

Back Button SM89516B Datasheet HTML 30Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 31Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 32Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 33Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 34Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 35Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 36Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 37Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 38Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
SM89516B
8-Bit Micro-controller
64KB Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M087
Ver D SM89516B 08/07/2015
- 34 -
8.
Serial interface – UART
The serial buffer consists of two separate registers, a transmit buffer and a receive buffer.
Writing data to the Special Function Register SBUF sets this data in serial output buffer and starts the transmission.
Reading from the SBUF reads data from the serial receive buffer. The serial port can simultaneously transmit and
receive data. It can also buffer 1 byte at receive, which prevents the receive data from being lost if the CPU reads
the first byte before transmission of the second byte is completed.
Mnemonic
Description
Dir.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RST
Serial interface
PCON
Power Control
87H
SMOD
-
-
-
GF1
GF0
PD
IDLE
00H
SCON
Serial Port
Control Register
98H
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
00H
SBUF
Serial Port Data
Buffer
99H
SBUF[7:0]
00H
Mnemonic: SCON
Address: 98h
7
6
5
4
3
2
1
0
Reset
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
00H
SM0, SM1: Serial Port mode selection.
SM0
SM1
Mode
0
0
0
0
1
1
1
0
2
1
1
3
The 4 modes in UART, Mode 0 ~ 3, are explained later.
SM2: Enables multiprocessor communication feature.
REN: If set, enables serial reception. Cleared by software to disable reception.
TB8: The 9th transmitted data bit in modes 2 and 3. Set or cleared by the CPU depending on
the function it performs such as parity check, multiprocessor communication etc.
RB8: In modes 2 and 3, it is the 9th data bit received. In mode 1, if SM2 is 0, RB8 is the stop
bit. In mode 0, this bit is not used. Must be cleared by software.
TI: Transmit interrupt flag, set by hardware after completion of a serial transfer. Must be
cleared by software.
RI: Receive interrupt flag, set by hardware after completion of a serial reception. Must be
cleared by software.
8.1
Serial interface
The Serial Interface can operate in the following 4 modes:
SM0
SM1
Mode
Description
Board Rate
0
0
0
Shift register
Fosc/12
0
1
1
8-bit UART
Variable
1
0
2
9-bit UART
Fosc/32 or Fosc/64
1
1
3
9-bit UART
Variable
Here Fosc is the crystal or oscillator frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com