Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM89516B Datasheet(PDF) 27 Page - SyncMOS Technologies,Inc

Part # SM89516B
Description  On-chip 768 bytes expanded RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516B Datasheet(HTML) 27 Page - SyncMOS Technologies,Inc

Back Button SM89516B Datasheet HTML 23Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 24Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 25Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 26Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 27Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 28Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 29Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 30Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 31Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
SM89516B
8-Bit Micro-controller
64KB Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M087
Ver D SM89516B 08/07/2015
- 27 -
6.4
Mode 1 (16-bit Counter/Timer)
Mode1 is the same as Mode0, except that the timer register is being run with all 16 bits.
Fig. 6-2: Mode 1 16 bit Counter/Timer operation
6.5
Mode 2 (8-bit auto-reload Counter/Timer)
Mode 2 configures the timer register as an 8-bit counter(TLx) with automatic reload. Overflow from TLx not only set
TFx, but also reload TLx with the content of THx, which is determined by software. The reload leaves THx
unchanged. Mode 2 operation is the same for Timer0 and Timer1.
Fig. 6-3: Mode 2 8-bit auto-reload Counter/Timer operation.
6.6
Mode 3 (Timer 0 acts as two independent 8 bit Timers / Counters)
Timer1 in Mode3 simply holds its count, the effect is the same as setting TR1 = 1. Timer0 in Mode 3 enables TL0
and TH0 as two separate 8-bit counters. TL0 uses the Timer0 control bits such like C/T, GATE, TR0, INT0 and TF0.
TH0 is locked into a timer function (can not be external event counter) and take over the use of TR1, TF1 from
Timer1. TH0 now controls the Timer1 interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com