Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM89516B Datasheet(PDF) 16 Page - SyncMOS Technologies,Inc

Part # SM89516B
Description  On-chip 768 bytes expanded RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516B Datasheet(HTML) 16 Page - SyncMOS Technologies,Inc

Back Button SM89516B Datasheet HTML 12Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 13Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 14Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 15Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 16Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 17Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 18Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 19Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 20Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
SM89516B
8-Bit Micro-controller
64KB Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M087
Ver D SM89516B 08/07/2015
- 16 -
Table 2-4: Program branches
Mnemonic
Description
Code
Bytes
Cycles
ACALL addr11
Absolute subroutine call
xxx11
2
2
LCALL addr16
Long subroutine call
12
3
2
RET
from subroutine
22
1
2
RETI
from interrupt
32
1
2
AJMP addr11
Absolute jump
xxx01
2
2
LJMP addr16
Long iump
02
3
2
SJMP rel
Short jump (relative addr.)
80
2
2
JMP @A+DPTR
Jump indirect relative to the DPTR
73
1
2
JZ rel
Jump if accumulator is zero
60
2
2
JNZ rel
Jump if accumulator is not zero
70
2
2
JC rel
Jump if carry flag is set
40
2
2
JNC
Jump if carry flag is not set
50
2
2
JB bit,rel
Jump if direct bit is set
20
3
2
JNB bit,rel
Jump if direct bit is not set
30
3
2
JBC bit,direct rel
Jump if direct bit is set and clear bit
10
3
2
CJNE A,direct rel
Compare direct byte to A and jump if not equal
B5
3
2
CJNE A,#data rel
Compare immediate to A and jump if not equal
B4
3
2
CJNE Rn,#data rel
Compare immed. to reg. and jump if not equal
B8-BF
3
2
CJNE @Ri,#data rel
Compare immed. to ind. and jump if not equal
B6-B7
3
2
DJNZ Rn,rel
Decrement register and jump if not zero
D8-DF
2
2
DJNZ direct,rel
Decrement direct byte and jump if not zero
D5
3
2
NOP
No operation
00
1
1
Table 2-5: Boolean manipulation
Mnemonic
Description
Code
Bytes
Cycles
CLR C
Clear carry flag
C3
1
1
CLR bit
Clear direct bit
C2
2
1
SETB C
Set carry flag
D3
1
1
SETB bit
Set direct bit
D2
2
1
CPL C
Complement carry flag
B3
1
1
CPL bit
Complement direct bit
B2
2
1
ANL C,bit
AND direct bit to carry flag
82
2
2
ANL C,/bit
AND complement of direct bit to carry
B0
2
2
ORL C,bit
OR direct bit to carry flag
72
2
2
ORL C,/bit
OR complement of direct bit to carry
A0
2
2
MOV C,bit
Move direct bit to carry flag
A2
2
1
MOV bit,C
Move carry flag to direct bit
92
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com