Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM89516B Datasheet(PDF) 14 Page - SyncMOS Technologies,Inc

Part # SM89516B
Description  On-chip 768 bytes expanded RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516B Datasheet(HTML) 14 Page - SyncMOS Technologies,Inc

Back Button SM89516B Datasheet HTML 10Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 11Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 12Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 13Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 14Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 15Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 16Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 17Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 18Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
SM89516B
8-Bit Micro-controller
64KB Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M087
Ver D SM89516B 08/07/2015
- 14 -
Table 2-2: Logic operations
Mnemonic
Description
Code
Bytes
Cycles
ANL A,Rn
AND register to accumulator
58-5F
1
1
ANL A,direct
AND direct byte to accumulator
55
2
1
ANL A,@Ri
AND indirect RAM to accumulator
56-57
1
1
ANL A,#data
AND immediate data to accumulator
54
2
1
ANL direct,A
AND accumulator to direct byte
52
2
1
ANL direct,#data
AND immediate data to direct byte
53
3
2
ORL A,Rn
OR register to accumulator
48-4F
1
1
ORL A,direct
OR direct byte to accumulator
45
2
1
ORL A,@Ri
OR indirect RAM to accumulator
46-47
1
1
ORL A,#data
OR immediate data to accumulator
44
2
1
ORL direct,A
OR accumulator to direct byte
42
2
1
ORL direct,#data
OR immediate data to direct byte
43
3
2
XRL A,Rn
Exclusive OR register to accumulator
68-6F
1
1
XRL A,direct
Exclusive OR direct byte to accumulator
65
2
1
XRL A,@Ri
Exclusive OR indirect RAM to accumulator
66-67
1
1
XRL A,#data
Exclusive OR immediate data to accumulator
64
2
1
XRL direct,A
Exclusive OR accumulator to direct byte
62
2
1
XRL direct,#data
Exclusive OR immediate data to direct byte
63
3
2
CLR A
Clear accumulator
E4
1
1
CPL A
Complement accumulator
F4
1
1
RL A
Rotate accumulator left
23
1
1
RLC A
Rotate accumulator left through carry
33
1
1
RR A
Rotate accumulator right
03
1
1
RRC A
Rotate accumulator right through carry
13
1
1
SWAP A
Swap nibbles within the accumulator
C4
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com