Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM89516B Datasheet(PDF) 24 Page - SyncMOS Technologies,Inc

Part # SM89516B
Description  On-chip 768 bytes expanded RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516B Datasheet(HTML) 24 Page - SyncMOS Technologies,Inc

Back Button SM89516B Datasheet HTML 20Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 21Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 22Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 23Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 24Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 25Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 26Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 27Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 28Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
SM89516B
8-Bit Micro-controller
64KB Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M087
Ver D SM89516B 08/07/2015
- 24 -
5.
GPIO
Port 0 ~ Port 4 are the general purpose IO of this controller. Most of the ports are multiplexed with the other
outputs, e.g., Port 3[0] is also used as RXD in the UART application. Port0 is open-drain in the input and output
high condition, so external pull-up resistors are required. As for the other ports, the pull-up resistors are built
internally.
For general purpose applications, every pin can be assigned to either high or low independently because their
SFRs are bit addressable as given below:
Mnemonic: P0
Address: 80h
7
6
5
4
3
2
1
0
Reset
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
FFh
P0.7~ 0: Port0 [7] ~ Port0[0]
Mnemonic: P1
Address: 90h
7
6
5
4
3
2
1
0
Reset
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
FFh
P1.7~ 0: Port1 [7] ~ Port1 [0]
Mnemonic: P2
Address: A0h
7
6
5
4
3
2
1
0
Reset
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
FFh
P2.7~ 0: Port2 [7] ~ Port2 [0]
Mnemonic: P3
Address: B0h
7
6
5
4
3
2
1
0
Reset
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
FFh
P3.7~ 0: Port3 [7] ~ Port3 [0]
Mnemonic: P4
Address: D8h
7
6
5
4
3
2
1
0
Reset
-
-
-
-
P4.3
P4.2
P4.1
P4.0
xFh
P4.3~ 0: Port4 [3] ~ Port4 [0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com