Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM89516B Datasheet(PDF) 17 Page - SyncMOS Technologies,Inc

Part # SM89516B
Description  On-chip 768 bytes expanded RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516B Datasheet(HTML) 17 Page - SyncMOS Technologies,Inc

Back Button SM89516B Datasheet HTML 13Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 14Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 15Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 16Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 17Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 18Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 19Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 20Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 21Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
SM89516B
8-Bit Micro-controller
64KB Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M087
Ver D SM89516B 08/07/2015
- 17 -
3.
Memory Structure
The SM89516B memory structure follows general 8052 structure. It is 64KB program memory.
3.1
Program Memory
The SM89516B has 64KB on-chip flash memory which can be used as general program memory. The address
range for the 64K byte is $0000h to $FFFFh. As shown in Fig. 3-1.
Flash
FFFF
0000
64K Program
Memory space
Fig. 3-1: SM89516B programmable Flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com