Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM89516B Datasheet(PDF) 46 Page - SyncMOS Technologies,Inc

Part # SM89516B
Description  On-chip 768 bytes expanded RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516B Datasheet(HTML) 46 Page - SyncMOS Technologies,Inc

Back Button SM89516B Datasheet HTML 41Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 42Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 43Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 44Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 45Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 46Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 47Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 48Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 49Page - SyncMOS Technologies,Inc  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
SM89516B
8-Bit Micro-controller
64KB Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M087
Ver D SM89516B 08/07/2015
- 46 -
13. Two-Wire Series Interface (TWSI)
Two Wire Serial Interface, is a serial interface in SM89516B, that is function compatible with IIC 400kps
specification and is capable to communicate with standard IIC devices via configuring SM89516B as one of IIC
device types - master transmitter, master receiver, slave transmitter or slave receiver device.
Mnemonic
Description
Dir.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RST
TWSI
P1CON
P1 Control
Register
9BH
SDAE
SCLE
-
-
PWM1
E
PWM0
E
-
-
00H
TWSIS
TWSI Status
Register
C0H
RXIF
TXIF
TFAIL
NAKIF
-
RXACK
MST
TXACK
00H
TWSIA
TWSI Address
Register
C1H
ADR.6
ADR.5
ADR.4
ADR.3
ADR.2
ADR.1
ADR.0
ADR
MK
A0H
TWSIC1
TWSIC Control
Register 1
C2H
TWSIE
-
-
-
Bus
Busy
TWSIF
S2
TWSIF
S1
TWSIF
S0
01H
TWSIC2
TWSIC Control
Register 2
C3H
MATC
H
SRW
-
-
RESTA
RT
-
-
MRW
00H
TWSITXD
TWSI TX Data
Register
C4H
TXD.7
TXD.6
TXD.5
TXD.4
TXD.3
TXD.2
TXD.1
TXD.0
FFH
TWSIRXD
TWSI RX Data
Register
C5H
RXD.7
RXD.6
RXD.5
RXD.4
RXD.3
RXD.2
RXD.1
RXD.0
00H
IFR
Interrupt Flag
Register
AAH
-
-
-
-
-
-
TWSIIF
-
00H
Mnemonic: P1CON
Address: 9Bh
7
6
5
4
3
2
1
0
Reset
SDAE
SCLE
-
-
PWM1E
PWM0E
-
-
00h
SDAE: Set 1 to configure P1[7] as SDA pin of TWSI.
SCLE: Set 1 to configure P1[6] as SCL pin of TWSI.
Mnemonic: TWSIS
Address: C0h
7
6
5
4
3
2
1
0
Reset
RXIF
TXIF
TFAIL
NAKIF
-
RXACK
MST
TXACK
00h
RXIF: TWSI interrupt flag for data receiving. It is set after the TWSI RXD (Receive
Data Buffer) is loaded with new received data.
TXIF: TWSI interrupt flag for data transmitting. It is set when the data of TWSI TXD
(Transmit Data Buffer) is downloaded onto the shift register or the TWSIA is
downloaded onto the shift register at Master Transmit mode.
TFAIL: This flag is set when the data transmit is failed. (Master mode only)
NAKIF: Non-acknowledge interrupt flag. It is only set in the master mode when there is
no acknowledge bit detected after one byte data or calling address is
transferred.
RXACK: The acknowledge status indicator. When clear, it means an acknowledge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com