Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM89516B Datasheet(PDF) 35 Page - SyncMOS Technologies,Inc

Part # SM89516B
Description  On-chip 768 bytes expanded RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516B Datasheet(HTML) 35 Page - SyncMOS Technologies,Inc

Back Button SM89516B Datasheet HTML 31Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 32Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 33Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 34Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 35Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 36Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 37Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 38Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 39Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
SM89516B
8-Bit Micro-controller
64KB Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M087
Ver D SM89516B 08/07/2015
- 35 -
The serial port is full duplex, can transmit and receive simultaneously. The serial port receive and transmit share
the same SFR – SBUF, but actually there is two SBUF in the chip, one is for transmit and the other is for receive.
The serial port can be operated in 4 different modes.
8.1.1
Mode 0
Pin RXD serves as input and output. TXD outputs the shift clock. 8 bits are transmitted with LSB first. The baud
rate is fixed at 1/12 of the crystal frequency. Reception is initialized in Mode 0 by setting the flags in SCON as
follows: RI = 0 and REN = 1. In other modes, a start bit when REN = 1 starts receiving serial data. As shown in Fig.
8-1 and Fig. 8-2
Fig. 8-1: Transmit mode 0
Fig. 8-2: Receive mode 0
8.1.2
Mode 1
Pin RXD serves as input, and TXD serves as serial output. No external shift clock is used, 10 bits are transmitted: a
start bit (always 0), 8 data bits (LSB first), and a stop bit (always 1). On receive, a start bit synchronizes the
transmission, 8 data bits are available by reading SBUF, and stop bit sets the flag RB8 in the Special Function
Register SCON. In mode 1 either internal baud rate generator or timer 1 can be use to specify baud rate. As shown
in Fig. 8-3 and Fig. 8-4
Fig. 8-3: Transmit mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com