Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM89516B Datasheet(PDF) 40 Page - SyncMOS Technologies,Inc

Part # SM89516B
Description  On-chip 768 bytes expanded RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516B Datasheet(HTML) 40 Page - SyncMOS Technologies,Inc

Back Button SM89516B Datasheet HTML 36Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 37Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 38Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 39Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 40Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 41Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 42Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 43Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 44Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
SM89516B
8-Bit Micro-controller
64KB Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M087
Ver D SM89516B 08/07/2015
- 40 -
10. Watch Dog Timer
The Watch Dog Timer (WDT) is an 16-bit free-running counter that generate reset signal if the counter overflows.
The WDT is useful for systems which are susceptible to noise, power glitches, or electronics discharge which
causing software dead loop or runaway. The WDT function can help user software recover from abnormal software
condition. The WDT is different from Timer0, Timer1 and Timer2 of general 8052. To prevent a WDT reset can be
done by software periodically clearing the WDT counter. User should check WDR bit of SCONF register whenever
un-predicted reset happened. After an external reset the watchdog timer is disabled and all registers are set to
zeros.
The WDT has selectable divider input for the time base source clock. To select the divider input, the setting of bit2
~ bit0 (PS[2:0]) of Watch Dog Timer Control Register (WDTC) should be set accordingly. As shown in Table 10-1.
To enable the WDT is done by setting 1 to the bit 7 (WDTE) of WDTC. After WDTE set to 1, the 16-bit counter
starts to count with the selected time base source clock which set by PS2~PS0. It will generate a reset signal when
overflows. The WDTE bit will be cleared to 0 automatically when SM89516B been reset, either hardware reset or
WDT reset.
To reset the WDT is done by setting 1 to the bit 5 (CLEAR) of WDTC. This will clear the content of the 16-bit
counter and let the counter re-start to count from the beginning.
Table 10-1: WDT time-out period
PS[2:0]
Divider
(dividing of Fosc)
Time period @ 40MHz
000
8
13.1ms
001
16
26.21ms
010
32
52.42ms
011
64
104.8ms
100
128
209.71ms
101
256
419.43ms
110
512
838.86ms
111
1024
1677.72ms
Fosc
3
0]
:
PS[2
2
1
+
WDTC
PS[2:0]
WDTEN
Enable/Disable
WDT
WDT
Counter
WDTCLK
CLR
Refresh
WDT Counter
1. Power on reset
2. External reset
3. Software write “0”
WDR
Set WDR = 1
Clear
WDTF = 0
WDT time-out
reset
WDT
time-out
select
Fig. 10-1: Watchdog timer block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com