Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM89516B Datasheet(PDF) 30 Page - SyncMOS Technologies,Inc

Part # SM89516B
Description  On-chip 768 bytes expanded RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516B Datasheet(HTML) 30 Page - SyncMOS Technologies,Inc

Back Button SM89516B Datasheet HTML 26Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 27Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 28Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 29Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 30Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 31Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 32Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 33Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 34Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
SM89516B
8-Bit Micro-controller
64KB Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M087
Ver D SM89516B 08/07/2015
- 30 -
EXEN2: Timer 2 external enable bit. When set, allows a capture or reload to occur as a result of a
negative transition on T2EX if Timer 2 is not being used to clock the serial port. EXEN2 =
0 causes Timer 2 to ignore events at T2EX.
TR2: Start/Stop control for Timer 2. TR2 = 1 starts the timer.
C/
T2 : Timer or counter select for Timer 2. C/ T2 = 0 for timer function. C/ T2 = 1 for external
event counter (falling edge triggered).
CP/
RL2 : Capture/Reload select. CP/ RL2 = 1 causes captures to occur on negative transitions at
T2EX if EXEN2 = 1. CP/
RL2 = 0 causes automatic reloads to occur when Timer 2
overflows or negative transitions occur at T2EX when EXEN2 = 1. When either RCLK or
TCLK = 1, this bit is ignored and the timer is forced to auto-reload on Timer 2 overflow.
Table 7-1 : Timer 2 Operating Modes
RCLK + TCLK
CP/RL2
TR2
DCEN
Mode
x
x
0
x
OFF
1
x
1
0
Baud-Rate Generation
0
1
1
0
Capture
0
0
1
0
Auto-Reload Up-only
0
0
1
1
Auto-Reload Up/Down
7.1
Capture mode
In the capture mode, there are two options selected by bit EXEN2 in T2CON. If EXEN2 = 0, Timer 2 is a 16-bit
timer or counter which upon overflow sets bit TF2 in T2CON. This bit can then be used to generate an interrupt. If
EXEN2 = 1, Timer 2 still does the above, but with the added feature that a 1-to-0 transition at external input T2EX
causes the current value in TH2 and TL2 to be captured into RCAP2H and RCAP2L, respectively. In addition, the
transition at T2EX causes bit EXF2 in T2CON to be set. The EXF2 bit, like TF2, can generate an interrupt.
C/T2=0
C/T2=1
T2 pin
TL2
(8 BITS)
TH2
(8 BITS)
TF2
Fosc/12
TR2
RCAP2L RCAP2H
T2 EX pin
EXEN2
EXF2
Transition
Detector
Timer2 Interrupt
Timier2 in Capture Mode
Fig. 7-1: Timer 2 in capture mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com