Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM89516B Datasheet(PDF) 44 Page - SyncMOS Technologies,Inc

Part # SM89516B
Description  On-chip 768 bytes expanded RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516B Datasheet(HTML) 44 Page - SyncMOS Technologies,Inc

Back Button SM89516B Datasheet HTML 40Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 41Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 42Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 43Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 44Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 45Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 46Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 47Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 48Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
SM89516B
8-Bit Micro-controller
64KB Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M087
Ver D SM89516B 08/07/2015
- 44 -
12. Pulse Width Modulation (PWM)
There are two PWM channels in SM89516B. The resolution of PWM channel can be 8-bit or 5-bit depending on the
setting on corresponding PBS bit in PWMCn register, where n-0 or 1.
PWMTB
(8-bit timer)
PWMPS
(2-bit timer)
MUX
4
2
{ PFS1,PFS0 }
PWMCLK
PWMDn[7:5]
PWMDn[4:0]
8-bit or 5-bit Logic
Comparator
COUNT[7:0]
CMPOUT
PWMOUTn
Figure : PWMn functional block
To P1.2 and P1.3
PBS
( 1 for 5-bit PWM)
n=0,1
System clock
Mnemonic
Description
Dir.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RST
PWM
P1CON
P1 Control
Register
9BH
SDAE
SCLE
-
-
PWM1E
PWM0E
-
-
00H
PWMC0
PWM Control
Register 0
D3H
-
-
-
-
-
PBS
PFS1
PFS0
00H
PWMC1
PWM Control
Register 1
D4H
-
-
-
-
-
PBS
PFS1
PFS0
00H
PWMD0
PWM Data
Register 0
B3H
D0.7
D0.6
D0.5
D0.4
D0.3
D0.2
D0.1
D0.0
00H
PWMD1
PWM Data
Register 1
B4H
D1.7
D1.6
D1.5
D1.4
D1.3
D1.2
D1.1
D1.0
00H
Mnemonic: P1CON
Address: 9Bh
7
6
5
4
3
2
1
0
Reset
SDAE
SCLE
-
-
PWM1E
PWM0E
-
-
00h
PWM1E: Set 1 to configure P1[3] as PWM channel 1 output.
PWM0E: Set 1 to configure P1[2] as PWM channel 0 output.
Mnemonic: PWMC[0:1]
Address: D3h and D4h
7
6
5
4
3
2
1
0
Reset
-
-
-
-
-
PBS
PFS1
PFS0
00h
PBS: When set, the PWM is 5 bits resolution.
PFS [1:0]: The PWM clock divider select.
PFS1
PFS0
PWM clock divider select
0
0
2
0
1
4
1
0
8
1
1
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com