Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM89516B Datasheet(PDF) 23 Page - SyncMOS Technologies,Inc

Part # SM89516B
Description  On-chip 768 bytes expanded RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516B Datasheet(HTML) 23 Page - SyncMOS Technologies,Inc

Back Button SM89516B Datasheet HTML 19Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 20Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 21Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 22Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 23Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 24Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 25Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 26Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 27Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
SM89516B
8-Bit Micro-controller
64KB Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M087
Ver D SM89516B 08/07/2015
- 23 -
4.3
Program Status Word
Mnemonic: PSW
Address: D0h
7
6
5
4
3
2
1
0
Reset
CY
AC
F0
RS [1:0]
OV
F1
P
00h
CY: Carry flag.
AC: Auxiliary Carry flag for BCD operations.
F0: General purpose Flag 0 available for user.
RS[1:0]: Register bank select, used to select working register bank.
RS[1:0]
Bank Selected
Location
00
Bank 0
00h – 07h
01
Bank 1
08h – 0Fh
10
Bank 2
10h – 17h
11
Bank 3
18h – 1Fh
OV: Overflow flag.
F1: General purpose Flag 1 available for user.
P: Parity flag, affected by hardware to indicate odd/even number of “one” bits in the
Accumulator, i.e. even parity.
4.4
Stack Pointer
The stack pointer is a 1-byte register initialized to 07h after reset. This register is incremented before PUSH and
CALL instructions, causing the stack to start from location 08h.
Mnemonic: SP
Address: 81h
7
6
5
4
3
2
1
0
Reset
SP [7:0]
07h
SP[7:0]: The Stack Pointer stores the scratchpad RAM address where the stack begins. In other
words, it always points to the top of the stack.
4.5
Data Pointer
The data pointer (DPTR) is 2-bytes wide. The lower part is DPL, and the highest is DPH. It can be loaded as a 2-
byte register (e.g. MOV DPTR, #data16) or as two separate registers (e.g. MOV DPL,#data8). It is generally used
to access the external code or data space (e.g. MOVC A,@A+DPTR or MOVX A,@DPTR respectively).
Mnemonic: DPL
Address: 82h
7
6
5
4
3
2
1
0
Reset
DPL [7:0]
00h
DPL[7:0]: Data pointer Low
Mnemonic: DPH
Address: 83h
7
6
5
4
3
2
1
0
Reset
DPH [7:0]
00h
DPH [7:0]: Data pointer High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com