Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM89516B Datasheet(PDF) 18 Page - SyncMOS Technologies,Inc

Part # SM89516B
Description  On-chip 768 bytes expanded RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516B Datasheet(HTML) 18 Page - SyncMOS Technologies,Inc

Back Button SM89516B Datasheet HTML 14Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 15Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 16Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 17Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 18Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 19Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 20Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 21Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 22Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
SM89516B
8-Bit Micro-controller
64KB Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M087
Ver D SM89516B 08/07/2015
- 18 -
3.2
Data Memory
The SM89516B has 256B +768B on-chip SRAM. 256B of it are the same as general 8052 internal memory
structure while the expanded 768 Bytes on-chip SRAM can be accessed by external memory addressing method
( by instruction MOVX). As shown in Fig. 3-2.
Higher 128 Bytes (Accessed by
indirect addressing mode only)
Lower 128 Bytes (Accessed by
direct & indirect addressing mode )
SFR (Accessed by direct addressing
mode only)
Expanded 768 Bytes
(Accessed by direct
external addressing mode
by instruction MOVX)
00
7F
80
FF
80
FF
0000
02FF
Fig. 3-2: RAM architecture
3.3
Data memory - lower 128 byte (00h to 7Fh)
Data memory 00h to FFh is the same as 8052.
The address 00h to 7Fh can be accessed by direct and indirect addressing modes.
Address 00h to 1Fh is register area.
Address 20h to 2Fh is memory bit area.
Address 30h to 7Fh is for general memory area.
3.4
Data memory - higher 128 byte (80h to FFh)
The address 80h to FFh can be accessed by indirect addressing mode.
Address 80h to FFh is data area.
3.5
Data memory - Expanded 768 bytes ($0000 to $02FF)
From external address 0000h to 02FFh is the on-chip expanded SRAM area, total 768 Bytes. This area can be
accessed by external direct addressing mode (by instruction MOVX).
Mnemonic
Description
Dir.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RST
Expanded RAM
SCONF
System
Configuration
Register
BFh
WDR
-
-
PDWU
E
-
-
OME
ALEI
02H
RCON
Internal RAM
Control Register
85h
-
-
-
-
-
-
RAMS
1
RAMS
0
00H
DBANK
Data Bank
Control Register
86h
BSE
-
-
-
BS3
BS2
BS1
BS0
01H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com