Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7693003DBT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7693003DBT
Description  15-Series Cell Battery Monitor Family
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7693003DBT Datasheet(HTML) 17 Page - Texas Instruments

Back Button BQ7693003DBT Datasheet HTML 13Page - Texas Instruments BQ7693003DBT Datasheet HTML 14Page - Texas Instruments BQ7693003DBT Datasheet HTML 15Page - Texas Instruments BQ7693003DBT Datasheet HTML 16Page - Texas Instruments BQ7693003DBT Datasheet HTML 17Page - Texas Instruments BQ7693003DBT Datasheet HTML 18Page - Texas Instruments BQ7693003DBT Datasheet HTML 19Page - Texas Instruments BQ7693003DBT Datasheet HTML 20Page - Texas Instruments BQ7693003DBT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
SCL
SDA
SDA
SCL
SDA
SCL
bq76920, bq76930, bq76940
www.ti.com
SLUSBK2F – OCTOBER 2013 – REVISED NOVEMBER 2015
Electrical Characteristics (continued)
Typical conditions are measured at 25ºC with nominal BAT voltages of 18 V (bq76920), 36 V (bq76930), or 48 V (bq76940)
with VCELL = 4 V. Min and max values include full recommended operating condition temperature range from –40ºC to +85ºC.
Certain characteristics may be shown at different voltage or temperature ranges, as clarified in the Test Condition sections.
PARAMETER
DESCRIPTION
TEST CONDITION
MIN
TYP
MAX
UNIT
IEXTLDO_LIMIT
External LDO current limit
REGOUT = 0 V
30
38
45
mA
BOOT DETECTOR
Measured at TS1 pin with device in
SHIP mode. Below MIN, device will not
VBOOT
Boot threshold voltage
300
1000
mV
boot up. Above MAX, device will be
guaranteed to boot up.
Measured at TS1 pin. Below MIN,
Boot threshold application
tBOOT_max
device will not boot up. Above MAX,
10
2000
µs
time
device will be guaranteed to boot up.
6.6
Timing Requirements
I2C COMPATIBLE INTERFACE
MIN
TYP
MAX
UNIT
REGOUT x
VIL
Input Low Logic Threshold
V
0.25
REGOUT x
VIH
Input High Logic Threshold
V
0.75
VOL
Output Low Logic Drive
0.20
V
tf
SCL, SDA Fall Time
0.40
VOH
Output High Logic Drive (Not applicable due to open-drain outputs)
N/A
N/A
V
tHIGH
SCL Pulse Width High
4.0
µs
tLOW
SCL Pulse Width Low
4.7
µs
tSU;STA
Setup time for START condition
4.7
µs
tHD;STA
START condition hold time after which first clock pulse is generated
4.0
µs
tSU;DAT
Data setup time
250
ns
tHD;DAT
Data hold time
0
µs
tSU;STO
Setup time for STOP condition
4.0
µs
tBUF
Time the bus must be free before new transmission can start
4.7
µs
tVD;DAT
Clock Low to Data Out Valid
900
ns
tHD;DAT
Data Out Hold Time After Clock Low
0
ns
fSCL
Clock Frequency
0
100
kHz
Figure 6-1. I2C Timing
Copyright © 2013–2015, Texas Instruments Incorporated
Electrical Specifications
17
Submit Documentation Feedback
Product Folder Links: bq76920 bq76930 bq76940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com