Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7693003DBT Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7693003DBT
Description  15-Series Cell Battery Monitor Family
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7693003DBT Datasheet(HTML) 43 Page - Texas Instruments

Back Button BQ7693003DBT Datasheet HTML 39Page - Texas Instruments BQ7693003DBT Datasheet HTML 40Page - Texas Instruments BQ7693003DBT Datasheet HTML 41Page - Texas Instruments BQ7693003DBT Datasheet HTML 42Page - Texas Instruments BQ7693003DBT Datasheet HTML 43Page - Texas Instruments BQ7693003DBT Datasheet HTML 44Page - Texas Instruments BQ7693003DBT Datasheet HTML 45Page - Texas Instruments BQ7693003DBT Datasheet HTML 46Page - Texas Instruments BQ7693003DBT Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
Rc
Rc
Rc
Rc
Rsns
Cc
Cc
Cc
Cc
Cc
100
0.1 µF
4.7 µF
BAT
VC5
VC4
VC3
VC2
VC1
VSS
SCL
SDA
CHG
DSG
REGSRC
REGOUT
SRN
SRP
VC0
CAP1
TS1
Cf
100
0.1 µF
1 µF
Rc
Rf
1M
1M
Rc
10k
ALERT
1M
PUSH-BUTTON FOR BOOT
VCC
GPIO
SDA
SCL
VSS
Cc
1 µF
0.1 µF
10 kΩ
PACK +
PACK–
Companion
Controller
bq76920, bq76930, bq76940
www.ti.com
SLUSBK2F – OCTOBER 2013 – REVISED NOVEMBER 2015
Table 8-3. Cell Connections for bq76940
Cell Input
9 Cells
10 Cells
11 Cells
12 Cells
13 Cells
14 Cells
15 Cells
VC15–VC14
CELL 9
CELL 10
CELL 11
CELL 12
CELL 13
CELL 14
CELL 15
VC14–VC13
short
short
short
short
short
short
CELL 14
VC13–VC12
short
short
short
CELL 11
CELL 12
CELL 13
CELL 13
VC12–VC11
CELL 8
CELL 9
CELL 10
CELL 10
CELL 11
CELL 12
CELL 12
VC11–VC10b
CELL 7
CELL 8
CELL 9
CELL 9
CELL 10
CELL 11
CELL 11
VC10–VC9
CELL 6
CELL 7
CELL 8
CELL 8
CELL 9
CELL 10
CELL 10
VC9–VC8
short
short
short
short
short
CELL 9
CELL 9
VC8–VC7
short
short
CELL 7
CELL 7
CELL 8
CELL 8
CELL 8
VC7–VC6
CELL 5
CELL 6
CELL 6
CELL 6
CELL 7
CELL 7
CELL 7
VC6–VC5b
CELL 4
CELL 5
CELL 5
CELL 5
CELL 6
CELL 6
CELL 6
VC5–VC4
CELL 3
CELL 4
CELL 4
CELL 4
CELL 5
CELL 5
CELL 5
VC4–VC3
short
short
short
short
CELL 4
CELL 4
CELL 4
VC3–VC2
short
CELL 3
CELL 3
CELL 3
CELL 3
CELL 3
CELL 3
VC2–VC1
CELL 2
CELL 2
CELL 2
CELL 2
CELL 2
CELL 2
CELL 2
VC1–VC0
CELL 1
CELL 1
CELL 1
CELL 1
CELL 1
CELL 1
CELL 1
8.2
Typical Applications
CAUTION
The external circuitries in the following schematics show minimum requirements
to ensure device robustness during cell connection to the PCB and normal
operation.
Figure 8-1. bq76920 with bq78350 Companion Controller IC
Copyright © 2013–2015, Texas Instruments Incorporated
Application and Implementation
43
Submit Documentation Feedback
Product Folder Links: bq76920 bq76930 bq76940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com