Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7693003DBT Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7693003DBT
Description  15-Series Cell Battery Monitor Family
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7693003DBT Datasheet(HTML) 31 Page - Texas Instruments

Back Button BQ7693003DBT Datasheet HTML 27Page - Texas Instruments BQ7693003DBT Datasheet HTML 28Page - Texas Instruments BQ7693003DBT Datasheet HTML 29Page - Texas Instruments BQ7693003DBT Datasheet HTML 30Page - Texas Instruments BQ7693003DBT Datasheet HTML 31Page - Texas Instruments BQ7693003DBT Datasheet HTML 32Page - Texas Instruments BQ7693003DBT Datasheet HTML 33Page - Texas Instruments BQ7693003DBT Datasheet HTML 34Page - Texas Instruments BQ7693003DBT Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
bq76920, bq76930, bq76940
www.ti.com
SLUSBK2F – OCTOBER 2013 – REVISED NOVEMBER 2015
To enter SHIP mode from NORMAL mode, the [SHUT_A] and [SHUT_B] bits in the SYS_CTRL1 register
must be written with specific patterns across two consecutive writes:
•
Write #1: [SHUT_A] = 0, [SHUT_B] = 1
•
Write #2: [SHUT_A] = 1, [SHUT_B] = 0
Note that [SHUT_A] and [SHUT_B] should each be in a 0 state prior to executing the shutdown command
above. If this specific sequence is entered into the device, the device transitions into SHIP mode. If any
other sequence is written to the [SHUT_A] and [SHUT_B] bits or if either of the two patterns is not
correctly entered, the device will not enter SHIP mode.
CAUTION
DO NOT OPERATE THE DEVICE BELOW POR. When designing with the
bq76940,
the
intermediate
voltages
(BAT–VC10x),
(VC10x–VC5x),
and
(VC5x–VSS) must each never fall below VSHUT. When this occurs, a full device
reset must be initiated by powering down all three intermediate voltages
(BAT–VC10x), (VC10x–VC5x), and (VC5x–VSS) below VSHUT and rebooting by
applying the appropriate VBOOT signal to the TS1 pin. When designing with
the bq76930, the intermediate voltages (BAT–VC5x) and (VC5x–VSS) must
each never fall below VSHUT. If this occurs, a full device reset must be initiated
by powering down both intermediate voltages (BAT–VC5x) and (VC5x–VSS)
below VSHUT and rebooting by applying the appropriate VBOOT signal to the
TS1 pin.
The device will also enter SHIP mode during a POR event; however, this is not a recommended method
of SHIP mode entry. If any of the supply-side voltages below fall below VSHUT and then back up above
VPORA, the device defaults into the SHIP mode state. This is similar to an initial pack assembly condition.
In order to exit SHIP mode into NORMAL mode, the device must follow the standard boot sequence by
applying a voltage greater than the VBOOT threshold on the TS1 pin.
Copyright © 2013–2015, Texas Instruments Incorporated
Detailed Description
31
Submit Documentation Feedback
Product Folder Links: bq76920 bq76930 bq76940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com