Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7693003DBT Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7693003DBT
Description  15-Series Cell Battery Monitor Family
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7693003DBT Datasheet(HTML) 47 Page - Texas Instruments

Back Button BQ7693003DBT Datasheet HTML 43Page - Texas Instruments BQ7693003DBT Datasheet HTML 44Page - Texas Instruments BQ7693003DBT Datasheet HTML 45Page - Texas Instruments BQ7693003DBT Datasheet HTML 46Page - Texas Instruments BQ7693003DBT Datasheet HTML 47Page - Texas Instruments BQ7693003DBT Datasheet HTML 48Page - Texas Instruments BQ7693003DBT Datasheet HTML 49Page - Texas Instruments BQ7693003DBT Datasheet HTML 50Page - Texas Instruments BQ7693003DBT Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
bq76920, bq76930, bq76940
www.ti.com
SLUSBK2F – OCTOBER 2013 – REVISED NOVEMBER 2015
•
Configure the Current-based protection settings through PROTECT1 and PROTECT2:
–
Ideal SCD Threshold = 25 A × 5 m
Ω = 125 mV.
•
However, the closest options are 111 mV (0x03) and 133 mV (0x04) providing 22.2 A and 26.6
A, respectively. Both options have the RSNS bit = 1.
•
0x03 (22.2 A) will be used in this example.
–
The SCD delay threshold setting for a 100 µs delay is 0x01.
–
Therefore, PROTECT1 should be programmed with 0x8C.
–
Ideal OCD Threshold = 15 A × 5 m
Ω = 75 mV.
•
However, the closest options are 72 mV (0x0A) and 78 mV (0x0B), providing 14.4 A and 15.6 A,
respectively. Both options have the RSNS bit = 1.
•
0x0A (14,4A) will be used in this example.
–
The OCD delay threshold setting for a 320-ms delay is 0x05.
–
Therefore, PROTECT2 should be programmed with 0x5B.
NOTE
Care should be taken when determining the setting of OV_TRIP and UV_TRIP as these are
ADC value outputs and correlation to cell voltage also requires consideration of the ADC
GAIN and ADC OFFSET registers. More specific details can be found in Section 7.3.1.2.
•
Configure the Voltage-based protection settings through OV_TRIP, UV_TRIP and PROTECT3:
–
The selected OV Threshold is 4.30 V.
•
Therefore, OV_TRIP should be programmed with 0xC9.
–
The selected UV Threshold is 2.5 V.
•
Therefore, UV_TRIP should be programmed with 0x1A.
–
The selected OV Delay is 2 s and the selected UV Delay is 4 s.
•
Therefore, PROTECT3 should be programmed with 0x50.
Copyright © 2013–2015, Texas Instruments Incorporated
Application and Implementation
47
Submit Documentation Feedback
Product Folder Links: bq76920 bq76930 bq76940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com