Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7693003DBT Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7693003DBT
Description  15-Series Cell Battery Monitor Family
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7693003DBT Datasheet(HTML) 23 Page - Texas Instruments

Back Button BQ7693003DBT Datasheet HTML 19Page - Texas Instruments BQ7693003DBT Datasheet HTML 20Page - Texas Instruments BQ7693003DBT Datasheet HTML 21Page - Texas Instruments BQ7693003DBT Datasheet HTML 22Page - Texas Instruments BQ7693003DBT Datasheet HTML 23Page - Texas Instruments BQ7693003DBT Datasheet HTML 24Page - Texas Instruments BQ7693003DBT Datasheet HTML 25Page - Texas Instruments BQ7693003DBT Datasheet HTML 26Page - Texas Instruments BQ7693003DBT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
bq76920, bq76930, bq76940
www.ti.com
SLUSBK2F – OCTOBER 2013 – REVISED NOVEMBER 2015
7.3.1.1.3 16-Bit CC
A 16-bit integrating ADC, commonly referred to as the coulomb counter (CC), provides measurements of
accumulated charge across the current sense resistor. The integration period for this reading is 250 ms.
The CC may be operated in one of two modes: ALWAYS ON and 1-SHOT.
•
In ALWAYS ON mode, the CC runs at 100%, gathering a fresh reading every 250 ms. The conclusion
of each reading sets the CC_READY bit, which toggles the ALERT pin high to inform the
microcontroller that a new reading is available. To enable Always On mode, set [CC_EN] = 1.
•
In 1-SHOT mode, the CC performs a single 250-ms reading, and similarly sets the CC_READY bit
when completed. This mode is intended for non-gauging usages, where the host simply desires to
check the pack current.
To enable a 1-SHOT reading, ensure [CC_EN] = 0 and set [CC_ONESHOT] = 1.
The full scale range of the CC is ± 270 mV, with a max recommended input range of ± 200 mV, thus
yielding an LSB of approximately 8.44 µV.
The following equation shows how to convert the 16-bit CC reading into an analog voltage if no board-
level calibration is performed:
CC Reading (in µV) = [16-bit 2’s Complement Value] × (8.44 µV/LSB)
(3)
16-Bit CC Result
ADC Result in Decimal
CC Reading (in µV)
0x0001
1
8.44
0x2710
10000
84,400
0x7D00
32000
270,080
0x8300
–32000
–270,080
0xC350
–15536
–131,123.84
0xFFFF
–1
–8.44
7.3.1.1.4 External Thermistor
One (bq76920), two (bq76930), or three (bq76940) 10 k
Ω NTC 103AT thermistors may be measured by
the device. These are measured by applying a factory-trimmed internal 10k pull-up resistance to an
internal regulator value of nominally 3.3 V, the result of which can be read out from the TSx (TS1, TS2,
TS3) registers.
To select thermistor measurement mode, set [TEMP_SEL] = 1.
Thermistor TS1 is connected between TS1 and VSS; TS2 is connected between TS2 and VC5x (bq76930
and bq76940 only); and TS3 is connected between TS3 and VC10x (bq76940 only). These thermistors
may be placed in various areas in the battery pack to measure such things as localized cell temperature,
FET heating, etc.
The thermistor impedance may be calculated using the 14-bit ADC reading in the TS1/TS2/TS3 registers
and 10k internal pull-up resistance as follows:
The following equations show how to use the 14-bit ADC readings in TS1, TS2, and TS3 to determine the
resistance of the external 103AT thermistor:
VTSX = (ADC in Decimal) x 382 µV/LSB
(4)
RTS = (10,000 × VTSX) ÷ (3.3 – VTSX)
(5)
To convert the thermistor resistance into temperature, please refer to the thermistor component
manufacturer’s datasheet.
Copyright © 2013–2015, Texas Instruments Incorporated
Detailed Description
23
Submit Documentation Feedback
Product Folder Links: bq76920 bq76930 bq76940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com