Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7693003DBT Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7693003DBT
Description  15-Series Cell Battery Monitor Family
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7693003DBT Datasheet(HTML) 49 Page - Texas Instruments

Back Button BQ7693003DBT Datasheet HTML 45Page - Texas Instruments BQ7693003DBT Datasheet HTML 46Page - Texas Instruments BQ7693003DBT Datasheet HTML 47Page - Texas Instruments BQ7693003DBT Datasheet HTML 48Page - Texas Instruments BQ7693003DBT Datasheet HTML 49Page - Texas Instruments BQ7693003DBT Datasheet HTML 50Page - Texas Instruments BQ7693003DBT Datasheet HTML 51Page - Texas Instruments BQ7693003DBT Datasheet HTML 52Page - Texas Instruments BQ7693003DBT Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
bq76920, bq76930, bq76940
www.ti.com
SLUSBK2F – OCTOBER 2013 – REVISED NOVEMBER 2015
9
Power Supply Recommendations
The bq769x0 devices are powered through the BAT and REGSRC pins but the bq76930 and bq76940
have additional ‘Power’ pins to provide the power to the entire device in the higher cell configurations.
The use of Rf and Cf connected to the BAT pin, noted in the typical application diagrams, are required to
filter system transients from disturbing the device power supply. These components should be placed as
close as to the IC as possible.
Additionally, for the bq76930 and bq76940 there are additional requirements to ensure a stable power
supply to the device. The REGSRC pin is powered through a source follower circuit where the FET is
used to provide current for REGSRC from the battery positive terminal while reducing the voltage to a
suitable value for the IC. The FET also dissipates the power resulting from the load current and dropped
voltage external to the IC and care should be taken to ensure the correct dissipation ratings are specified
by the chosen FET.
The bq76920 does not use a FET because the battery voltage is within the REGSRC range.
Copyright © 2013–2015, Texas Instruments Incorporated
Power Supply Recommendations
49
Submit Documentation Feedback
Product Folder Links: bq76920 bq76930 bq76940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com