Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7693003DBT Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7693003DBT
Description  15-Series Cell Battery Monitor Family
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7693003DBT Datasheet(HTML) 46 Page - Texas Instruments

Back Button BQ7693003DBT Datasheet HTML 42Page - Texas Instruments BQ7693003DBT Datasheet HTML 43Page - Texas Instruments BQ7693003DBT Datasheet HTML 44Page - Texas Instruments BQ7693003DBT Datasheet HTML 45Page - Texas Instruments BQ7693003DBT Datasheet HTML 46Page - Texas Instruments BQ7693003DBT Datasheet HTML 47Page - Texas Instruments BQ7693003DBT Datasheet HTML 48Page - Texas Instruments BQ7693003DBT Datasheet HTML 49Page - Texas Instruments BQ7693003DBT Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
bq76920, bq76930, bq76940
SLUSBK2F – OCTOBER 2013 – REVISED NOVEMBER 2015
www.ti.com
Table 8-4. bq769x0 Design Requirements (continued)
DESIGN PARAMETER
EXAMPLE VALUE at TA = 25°C
UV Protection Delay
4s
OCD Protection Threshold Max
15 A
OCD Protection Delay Time
320 ms
SCD Protection Threshold Max
25 A
SCD Protection Delay Time
100 µs
8.2.2
Detailed Design Procedure
To begin the design process, there are some key steps required for component selection and protection
configuration.
8.2.2.1
Step-by-Step Design Procedure
•
Determine the number of series cells.
–
This value depends on the cell chemistry and the load requirements of the system. For example, to
support a minimum battery voltage of 24 V using Li-CO2 type cells with a cell minimum voltage of
3.0 V, there needs to be at least 8-series cells.
•
Select the correct bq769x0 device.
–
For 8-series cells, the bq76930 is needed.
–
For the correct cell connections, see Table 8-2.
•
Select the correct protection FETs.
–
The bq76930 uses a low-side drive suitable for N-CH FETs.
–
These FETs should be rated for the maximum:
•
Voltage, which should be approximately 5 V (DC) 10 V (peak) per series cell: for example, 40 V.
•
Current, which should be calculated based on both the maximum DC current and the maximum
transient current with some margin: for example, 30 A.
•
Power Dissipation, which can be a factor of the RDS(ON) rating of the FET, the FET package,
and the PCB design: for example, 5 W, assuming 5 m
Ω RDS(ON).
•
Select the correct sense resistor.
–
The resistance value should be selected to maximize the input bandwidth use of the coulomb
counter range, CCRANGE, but not exceed the absolute maximum ratings.
•
Using the normal max discharge current, RSNS = 200 mV / 10.0 A = 20 m
Ω.
•
However, considering ISCD of 25 A and Abs Max SRP–SRN input of –300 mV, RSNS = 300 mV
/ 25 A = 7.5 m
Ω
•
The maximum operating current of the system should also be considered as this should be
below the maximum OCD Threshold, which with a RSNS of 7.5 m
Ω gives a max OCD current
setting of 13.3 A.
–
Further tolerance analysis (value tolerance, temperature variation, and so on) and PCB design
margin should also be considered, so RSNS of 5 m
Ω would be suitable with a 75-ppm temperature
coefficient and power rating of 5 W.
•
The bq76930 is chosen, and so the REGSRC pin needs to be powered through a source follower
circuit where the FET is used to provide current for REGSRC from the battery positive terminal while
reducing the voltage to a suitable value for the IC.
–
The FET also dissipates the power resulting from the load current and dropped voltage external to
the IC and care should be taken to ensure the correct dissipation ratings are specified by the
chosen FET.
46
Application and Implementation
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: bq76920 bq76930 bq76940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com