Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7693003DBT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7693003DBT
Description  15-Series Cell Battery Monitor Family
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7693003DBT Datasheet(HTML) 19 Page - Texas Instruments

Back Button BQ7693003DBT Datasheet HTML 15Page - Texas Instruments BQ7693003DBT Datasheet HTML 16Page - Texas Instruments BQ7693003DBT Datasheet HTML 17Page - Texas Instruments BQ7693003DBT Datasheet HTML 18Page - Texas Instruments BQ7693003DBT Datasheet HTML 19Page - Texas Instruments BQ7693003DBT Datasheet HTML 20Page - Texas Instruments BQ7693003DBT Datasheet HTML 21Page - Texas Instruments BQ7693003DBT Datasheet HTML 22Page - Texas Instruments BQ7693003DBT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 63 page
background image
BAT
CHG
VSS
Cell Balance
Drivers/FETs
EEPROM
Internal 3.3-V
LDO
DSG
SRN
SRP
SDA
SCL
TS
REG
SRC
REG
OUT
External
2.5/3.3-V LDO
I2C
Bandgap
IBIAS
VSTUP/POR
14-bit ADC
Modulator
OCD
comp
Digital core
BOOT
CAP
To POR
BOOT
256 kHz
ALERT
FET
DRIVER and
LOAD
DETECT
CC VREF
16-bit ACC
Modulator
TS
Die temp
SCD
comp
bq76920, bq76930, bq76940
www.ti.com
SLUSBK2F – OCTOBER 2013 – REVISED NOVEMBER 2015
7
Detailed Description
7.1
Overview
In the bq769x0 family of analog front-end (AFE) devices, the bq76920 device supports up to 5-series cells,
the bq76930 device supports up to 10-series cells, and the bq76940 device supports up to 15-series cells.
Via I2C, a host controller can use the bq769x0 to implement battery pack management functions, such as
monitoring (cell voltages, pack current, pack temperatures), protection (controlling charge/discharge
FETs), and balancing. Integrated A/D converters enable a purely digital readout of critical system
parameters including cell voltages and internal or external temperature, with calibration handled in TI’s
manufacturing process. For an additional degree of pack reliability, the bq769x0 includes hardware
protections for voltage (OV, UV) and current (OCD, SCD).
The bq769x0 provides two low-side FET drivers, charge (CHG) and discharge (DSG), which may be used
to directly manipulate low-side power NCH FETs, or as signals that control an external circuit that enables
high-side PCH or NCH FETs. A dedicated ALERT input/output pin serves as an interrupt signal to the host
microcontroller, quickly informing the microcontroller of an updated status in the AFE. This may include a
fault event or that a coulomb counter sample is available for reading. An available ALERT pin may also be
driven externally by a secondary protector to provide a redundant means of disabling the CHG and DSG
signals and higher system visibility.
7.2
Functional Block Diagram
Figure 7-1. Functional Block Diagram
Copyright © 2013–2015, Texas Instruments Incorporated
Detailed Description
19
Submit Documentation Feedback
Product Folder Links: bq76920 bq76930 bq76940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com