Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7693003DBT Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7693003DBT
Description  15-Series Cell Battery Monitor Family
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7693003DBT Datasheet(HTML) 27 Page - Texas Instruments

Back Button BQ7693003DBT Datasheet HTML 23Page - Texas Instruments BQ7693003DBT Datasheet HTML 24Page - Texas Instruments BQ7693003DBT Datasheet HTML 25Page - Texas Instruments BQ7693003DBT Datasheet HTML 26Page - Texas Instruments BQ7693003DBT Datasheet HTML 27Page - Texas Instruments BQ7693003DBT Datasheet HTML 28Page - Texas Instruments BQ7693003DBT Datasheet HTML 29Page - Texas Instruments BQ7693003DBT Datasheet HTML 30Page - Texas Instruments BQ7693003DBT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
bq76920, bq76930, bq76940
www.ti.com
SLUSBK2F – OCTOBER 2013 – REVISED NOVEMBER 2015
Table 7-1. CHG, DSG Response Under Various System Events (continued)
EVENT
[CHG_ON]
[DSG_ON]
SCD Fault
—
Set to 0
ALERT Override
Set to 0
Set to 0
DEVICE_XREADY is set
Set to 0
Set to 0
Enter SHIP mode from NORMAL
Set to 0
Set to 0
NOTE
All protection recovery must be initiated by the host microcontroller. In order to resume FET
operation after a fault condition has occurred, the host microcontroller must first clear the
corresponding status bit in the SYS_STAT register, which will clear the ALERT pin, and then
manually re-enable the CHG and/or DSG bit. Certain faults, such as OV or UV, may
immediately re-toggle if such a condition still persists. Refer to Table 7-3 for details on
clearing status bits.
There are no conditions under which the bq769x0 automatically sets either [CHG_ON] or [DSG_ON] to 1.
7.3.1.3.2 Load Detection
A load detection circuit is present on the CHG pin and activated whenever the CHG FET is disabled
([CHG_ON] = 0). This circuit detects if the CHG pin is externally pulled high when the high impedance
(approximately 1 M
Ω) pull-down path should actually be holding the CHG pin to VSS, and is useful for
determining if the PACK– pin (outside of the AFE) is being held at a high voltage—for example, if the load
is present while the power FETs are off. The state of the load detection circuit is read from the
[LOAD_PRESENT] bit of the SYS_CTRL1 register.
After an OCD or SCD fault has occurred, the DSG FET will be disabled ([DSG_ON] cleared), and the
CHG FET must similarly be explicitly disabled to activate the load detection circuit. The host
microcontroller may periodically poll the [LOAD_PRESENT] bit to determine the state of the PACK– pin
and determine when the load is removed ([LOAD_PRESENT] = 0).
7.3.1.3.3 Cell Balancing
Both internal and external passive cell balancing options are fully supported by the bq76920, while
external cell balancing is recommended for bq76930 and bq76940. It is left to the host controller to
determine the exact balancing algorithm to be used in any given system. Each bq769x0 device provides
the cell voltages and balancing drivers to enable this. If using the internal cell balance drivers, up to 50 mA
may be balanced per cell. If using external cell balancing, much higher balancing currents may be
employed.
To activate a particular cell balancing channel, simply set the corresponding bit for that cell in the
CELLBAL1, CELLBAL2, or CELLBAL3 register. For example, VC1–VC0 is enabled by setting [CB1], while
VC12–VC11 is set via [CB12].
Multiple cells may be simultaneously balanced. It is left to the user’s discretion to determine the ideal
number of cells to concurrently balance. Adjacent cells should not be balanced simultaneously. This may
cause cell pins to exceed their absolute maximum conditions and is also not recommended for external
balancing implementations. Additionally, if internal balancing is used, care should be taken to avoid
exceeding package power dissipation ratings.
Copyright © 2013–2015, Texas Instruments Incorporated
Detailed Description
27
Submit Documentation Feedback
Product Folder Links: bq76920 bq76930 bq76940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com