Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7693003DBT Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7693003DBT
Description  15-Series Cell Battery Monitor Family
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7693003DBT Datasheet(HTML) 45 Page - Texas Instruments

Back Button BQ7693003DBT Datasheet HTML 41Page - Texas Instruments BQ7693003DBT Datasheet HTML 42Page - Texas Instruments BQ7693003DBT Datasheet HTML 43Page - Texas Instruments BQ7693003DBT Datasheet HTML 44Page - Texas Instruments BQ7693003DBT Datasheet HTML 45Page - Texas Instruments BQ7693003DBT Datasheet HTML 46Page - Texas Instruments BQ7693003DBT Datasheet HTML 47Page - Texas Instruments BQ7693003DBT Datasheet HTML 48Page - Texas Instruments BQ7693003DBT Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
Rc
Rc
Rc
Rc
Rsns
Cc
Cc
Cc
Cc
Cc
100
0.1 µF
4.7 µF
VC5x
VC5
VC4
VC3
VC2
VC1
VSS
SCL
SDA
CHG
DSG
REGSRC
REGOUT
SRN
SRP
VC0
CAP1
TS1
Cf
100
0.1 µF
1 µF
Rc
1M
1M
Rc
10k
ALERT
1M
PUSH-BUTTON FOR BOOT
VCC
GPIO
SDA
SCL
VSS
Cc
1 µF
0.1 µF
10 kΩ
PACK +
PACK –
VC10
VC9
VC8
VC7
VC6
VC5b
Rc
Rc
Rc
Rc
Cc
Cc
Cc
Cc
Cc
Rc
Rc
Cc
VC10x
CAP2
TS2
Cf
Rf
1 µF
10k
Rf
A
A
VC15
VC14
VC13
VC12
VC11
VC10b
Rc
Rc
Rc
Rc
Cc
Cc
Cc
Cc
Cc
Rc
Rc
Cc
B
BAT
CAP3
TS3
Cf
1 µF
10k
Rf
B
NC
NC
NC
NC
VC5x
VC10x
Companion
Controller
bq76920, bq76930, bq76940
www.ti.com
SLUSBK2F – OCTOBER 2013 – REVISED NOVEMBER 2015
Figure 8-3. bq76940 with bq78350 Companion Controller IC
8.2.1
Design Requirements
Table 8-4. bq769x0 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE at TA = 25°C
Minimum system operating voltage
24 V
Cell minimum operating voltage
3.0 V
Series Cell Count
8
Charge Voltage
33.6 V
Maximum Charge Current
3.0 A
Peak Discharge Current
10.0 A
OV Protection Threshold
4.30 V
OV Protection Delay
2s
UV Protection Threshold
2.5 V
Copyright © 2013–2015, Texas Instruments Incorporated
Application and Implementation
45
Submit Documentation Feedback
Product Folder Links: bq76920 bq76930 bq76940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com