Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7693003DBT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7693003DBT
Description  15-Series Cell Battery Monitor Family
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7693003DBT Datasheet(HTML) 22 Page - Texas Instruments

Back Button BQ7693003DBT Datasheet HTML 18Page - Texas Instruments BQ7693003DBT Datasheet HTML 19Page - Texas Instruments BQ7693003DBT Datasheet HTML 20Page - Texas Instruments BQ7693003DBT Datasheet HTML 21Page - Texas Instruments BQ7693003DBT Datasheet HTML 22Page - Texas Instruments BQ7693003DBT Datasheet HTML 23Page - Texas Instruments BQ7693003DBT Datasheet HTML 24Page - Texas Instruments BQ7693003DBT Datasheet HTML 25Page - Texas Instruments BQ7693003DBT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
Gen. purpose output
A/D input
Host microcontroller
bq76920, bq76930, bq76940
SLUSBK2F – OCTOBER 2013 – REVISED NOVEMBER 2015
www.ti.com
7.3.1.1.2.1 Optional Real-time Calibration Using the Host Microcontroller
The performance of the cell voltage values measured by the 14-bit ADC has a factory-calibrated accuracy,
as follows:
•
+/– 10 mV TYP, +/– 40 mV MIN and MAX from 3.6 to 4.3 V,
•
+/– 15 mV TYP, +/– 40 mV MIN and MAX from 3.2 to 4.6 V, and
•
+/– 50 mV MIN and MAX from 2.0 to 5.0 V
While this is suitable for the majority of pack protection and basic monitoring applications the bq769x0
AFE family is intended to support, certain systems may require a higher accuracy performance.
To achieve this, use an available ADC channel and general purpose output terminal on the host
microcontroller paired with the bq769x0. A simple external circuit consisting of two precision resistors and
a small-signal FET is activated by the host microcontroller to determine the total stack voltage, VSTACK.
This is then compared against the sum of the individual cell voltages as measured by the internal ADC of
the bq769x0. The resulting transfer function coefficient, GAIN2, is simply applied to each cell voltage ADC
value for improved accuracy.
Figure 7-2. External Real-Time Calibration Circuit to Host Microcontroller
The process is as follows:
1. Periodically measure VSTACK.
(a) VSTACK = VAD × (R1 + R2) / R1
2. Read out all VCELL ADC readings from the bq769x0 and apply the standard GAIN and OFFSET values
stored in the bq769x0.
(a) V(1) = GAIN x ADC1 + OFFSET, V(2) = GAIN x ADC2 + OFFSET, and so on
3. Sum up all VCELL values, VSUM.
(a) VSUM = V(1) + V(2) + V(3) …
4. Calculate GAIN2.
(a) GAIN2 = VSTACK / VSUM
As a general recommendation, a new GAIN2 function should be generated when the cell voltages increase
or decrease by more than 100 mV. With GAIN2, each cell voltage calculation becomes:
V(cell) = GAIN2 × (GAIN x ADC(cell) + OFFSET)
(2)
For systems that do not require this additional in-use calibration function, GAIN2 is simply “1”.
22
Detailed Description
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: bq76920 bq76930 bq76940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com