Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7693003DBT Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7693003DBT
Description  15-Series Cell Battery Monitor Family
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7693003DBT Datasheet(HTML) 38 Page - Texas Instruments

Back Button BQ7693003DBT Datasheet HTML 34Page - Texas Instruments BQ7693003DBT Datasheet HTML 35Page - Texas Instruments BQ7693003DBT Datasheet HTML 36Page - Texas Instruments BQ7693003DBT Datasheet HTML 37Page - Texas Instruments BQ7693003DBT Datasheet HTML 38Page - Texas Instruments BQ7693003DBT Datasheet HTML 39Page - Texas Instruments BQ7693003DBT Datasheet HTML 40Page - Texas Instruments BQ7693003DBT Datasheet HTML 41Page - Texas Instruments BQ7693003DBT Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
bq76920, bq76930, bq76940
SLUSBK2F – OCTOBER 2013 – REVISED NOVEMBER 2015
www.ti.com
OV_D1:0 (Bits 5–4): Overvoltage delay setting
Code
(in s)
0x0
1
0x1
2
0x2
4
0x3
8
RSVD (Bits 3–0): These bits are for TI internal debug use only and must be configured to the default
settings indicated.
Table 7-12. OV_TRIP (0x09)
BIT
7
6
5
4
3
2
1
0
NAME
OV_T7
OV_T6
OV_T5
OV_T4
OV_T3
OV_T2
OV_T1
OV_T0
RESET
1
0
1
0
1
1
0
0
ACCESS
RW
RW
RW
RW
RW
RW
RW
RW
OV_T7:0 (Bits 7–0): Middle 8 bits of the direct ADC mapping of the desired OV protection threshold,
with upper 2 MSB set to 10 and lower 2 LSB set to 1000. The equivalent OV threshold is mapped to:
10-OV_T<7:0>1000.
By default, OV_TRIP is configured to a 0xAC setting.
Note that OV_TRIP is based on the ADC voltage, which requires back-calculation using the GAIN and
OFFSET values stored in ADCGAIN<4:0>and ADCOFFSET<7:0>.
Table 7-13. UV_TRIP (0x0A)
BIT
7
6
5
4
3
2
1
0
NAME
UV_T7
UV_T6
UV_T5
UV_T4
UV_T3
UV_T2
UV_T1
UV_T0
RESET
1
0
0
1
0
1
1
1
ACCESS
RW
RW
RW
RW
RW
RW
RW
RW
UV_T7:0 (Bits 7–0): Middle 8 bits of the direct ADC mapping of the desired UV protection threshold, with
upper 2 MSB set to 01 and lower 4 LSB set to 0000. In other words, the equivalent OV threshold is
mapped to: 01-UV_T<7:0>–0000.
By default, UV_TRIP is configured to a 0x97 setting. .
Note that UV_TRIP is based on the ADC voltage, which requires back-calculation using the GAIN and
OFFSET values stored in ADCGAIN<4:0>and ADCOFFSET<7:0>.
Table 7-14. CC_CFG REGISTER (0x0B)
BIT
7
6
5
4
3
2
1
0
NAME
—
—
CC_CFG5
CC_CFG4
CC_CFG3
CC_CFG2
CC_CFG1
CC_CFG0
RESET
0
0
0
0
0
0
0
0
ACCESS
R
R
RW
RW
RW
RW
RW
RW
38
Detailed Description
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: bq76920 bq76930 bq76940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com