Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7693003DBT Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7693003DBT
Description  15-Series Cell Battery Monitor Family
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7693003DBT Datasheet(HTML) 41 Page - Texas Instruments

Back Button BQ7693003DBT Datasheet HTML 37Page - Texas Instruments BQ7693003DBT Datasheet HTML 38Page - Texas Instruments BQ7693003DBT Datasheet HTML 39Page - Texas Instruments BQ7693003DBT Datasheet HTML 40Page - Texas Instruments BQ7693003DBT Datasheet HTML 41Page - Texas Instruments BQ7693003DBT Datasheet HTML 42Page - Texas Instruments BQ7693003DBT Datasheet HTML 43Page - Texas Instruments BQ7693003DBT Datasheet HTML 44Page - Texas Instruments BQ7693003DBT Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
bq76920, bq76930, bq76940
www.ti.com
SLUSBK2F – OCTOBER 2013 – REVISED NOVEMBER 2015
ADCGAIN2:0 (Bits 7–5, address 0x59):
ADC GAIN offset lower 3 LSB
ADCGAIN<4:0> is a production-trimmed value for the ADC transfer function, in
units of µV/LSB. The range is 365 µV/LSB to 396 µV/LSB, in steps of 1 µV/LSB,
and may be calculated as follows:
GAIN = 365 µV/LSB + (ADCGAIN<4:0>in decimal) × (1 µV/LSB)
Alternately, a conversion table is provided below:
ADC GAIN
Gain (µV/LSB)
ADC GAIN
Gain (µV/LSB)
0x00
365
0x10
381
0x01
366
0x11
382
0x02
367
0x12
383
0x03
368
0x13
384
0x04
369
0x14
385
0x05
370
0x15
386
0x06
371
0x16
387
0x07
372
0x17
388
0x08
373
0x18
389
0x09
374
0x19
390
0x0A
375
0x1A
391
0x0B
376
0x1B
392
0x0C
377
0x1C
393
0x0D
378
0x1D
394
0x0E
379
0x1E
395
0x0F
380
0x1F
396
Table 7-23. ADCOFFSET (0x51)
BIT
7
6
5
4
3
2
1
0
NAME
ADC
ADC
ADC
ADC
ADC
ADC
ADC
ADC
OFFSET7
OFFSET6
OFFSET5
OFFSET4
OFFSET3
OFFSET2
OFFSET1
OFFSET0
RESET
—
—
—
—
—
—
—
—
ACCESS
R
R
R
R
R
R
R
R
ADCOFFSET7:0 (Bits 7–0):
ADC offset, stored in 2’s complement format in mV units. Positive full-scale range
corresponds to 0x7F and negative full-scale corresponds to 0x80. The full-scale
input range is –128 mV to 127 mV, with an LSB of 1 mV.
The table below shows example offsets.
ADCOFFSET
Offset (mV)
0x00
0
0x01
1
0x7F
127
0x80
–128
0x81
–127
0xFF
–1
Copyright © 2013–2015, Texas Instruments Incorporated
Detailed Description
41
Submit Documentation Feedback
Product Folder Links: bq76920 bq76930 bq76940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com