Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7693003DBT Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7693003DBT
Description  15-Series Cell Battery Monitor Family
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7693003DBT Datasheet(HTML) 30 Page - Texas Instruments

Back Button BQ7693003DBT Datasheet HTML 26Page - Texas Instruments BQ7693003DBT Datasheet HTML 27Page - Texas Instruments BQ7693003DBT Datasheet HTML 28Page - Texas Instruments BQ7693003DBT Datasheet HTML 29Page - Texas Instruments BQ7693003DBT Datasheet HTML 30Page - Texas Instruments BQ7693003DBT Datasheet HTML 31Page - Texas Instruments BQ7693003DBT Datasheet HTML 32Page - Texas Instruments BQ7693003DBT Datasheet HTML 33Page - Texas Instruments BQ7693003DBT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
A6
A5
A0
...
R7
R/W
R6
R0
...
D0
...
C7 C6
C0
...
Start
Slave Address
Register
Address
Stop
SCL
SDA
A6
A5
A0
...
R/W
ACK
ACK
ACK
D7 D6
ACK
NACK
Slave Address
Slave
Drives CRC
(optional)
Master
Drives NACK
Slave
Drives Data
Stop Start
bq76920, bq76930, bq76940
SLUSBK2F – OCTOBER 2013 – REVISED NOVEMBER 2015
www.ti.com
•
In a block read transaction, the CRC for the first data byte is calculated after the second start and uses
the slave address and data byte. The CRC for subsequent data bytes is calculated over the data byte
only.
The CRC polynomial is x8 + x2 + x + 1, and the initial value is 0.
When the master detects a bad CRC, the I2C master will NACK the CRC, which causes the I2C slave to
go to an idle state.
Figure 7-6. I2C Read Without Repeated Start
7.4
Device Functional Modes
Each bq769x0 device supports the following modes of operation.
Table 7-2. Supported Power Modes
Mode
Description
Fully operational state. Both ADC and CC may be on, or disabled by host microcontroller.
OV and UV protection enabled if ADC is on. OCD and SCD enabled. ADC and CC may be
NORMAL
disabled to reduce power consumption, and CC may be operated in a “1-SHOT” mode for
flexible power savings.
Lowest possible power state, intended for pack assembly and/or long term pack storage.
SHIP
Must see a BOOT signal (> 1 VBOOT) on TS1 pin to boot from SHIP
→ NORMAL. Note
that the device always enters SHIP mode upon POR.
7.4.1
NORMAL Mode
NORMAL mode represents the fully operational mode where all blocks are enabled and the device sees
its highest current consumption. In this mode, certain blocks/functions may be disabled to save
power—these include the ADC and CC. OV and UV are running continuously as long as the ADC is
enabled. The OCD and SCD comparators may not be disabled in this mode.
Transitioning from NORMAL to SHIP mode is also initiated by the host, and requires consecutive writes to
two bits in the SYS_CTRL1 register.
7.4.2
SHIP Mode
SHIP mode is the basic and lowest power mode that bq769x0 supports. SHIP mode is automatically
entered during initial pack assembly and after every POR event. When the device is in NORMAL mode, it
may enter SHIP by the host controller via a specific sequence of I2C commands.
In SHIP mode, only a minimum of blocks are turned on, including the VSTUP power supply and primal
boot detector. Waking from SHIP mode to NORMAL mode requires pulling the TS1 pin greater than
VBOOT, which triggers the device boot-up sequence.
30
Detailed Description
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: bq76920 bq76930 bq76940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com