Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7693003DBT Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7693003DBT
Description  15-Series Cell Battery Monitor Family
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7693003DBT Datasheet(HTML) 36 Page - Texas Instruments

Back Button BQ7693003DBT Datasheet HTML 32Page - Texas Instruments BQ7693003DBT Datasheet HTML 33Page - Texas Instruments BQ7693003DBT Datasheet HTML 34Page - Texas Instruments BQ7693003DBT Datasheet HTML 35Page - Texas Instruments BQ7693003DBT Datasheet HTML 36Page - Texas Instruments BQ7693003DBT Datasheet HTML 37Page - Texas Instruments BQ7693003DBT Datasheet HTML 38Page - Texas Instruments BQ7693003DBT Datasheet HTML 39Page - Texas Instruments BQ7693003DBT Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
bq76920, bq76930, bq76940
SLUSBK2F – OCTOBER 2013 – REVISED NOVEMBER 2015
www.ti.com
DSG_ON (Bit 1): Discharge FET driver (low side NCH) or discharge signal control
0 = DSG is off.
1 = DSG is on.
CHG_ON (Bit 0): Discharge FET driver (low side NCH) or discharge signal control
0 = CHG is off.
1 = CHG is on.
Table 7-9. PROTECT1 (0x06)
BIT
7
6
5
4
3
2
1
0
NAME
RSNS
—
RSVD
SCD_D1
SCD_D0
SCD_T2
SCD_T1
SCD_T0
RESET
0
0
0
0
0
0
0
0
ACCESS
RW
R
RW
RW
RW
RW
RW
RW
RSNS (Bit 7): Allows for doubling the OCD and SCD thresholds simultaneously
0 = OCD and SCD thresholds at lower input range
1 = OCD and SCD thresholds at upper input range
RSVD (Bit 5): Reserved, do not set to 1.
SCD_D1:0 (Bits 4–3):
Short circuit in discharge delay setting. A 400-µs setting is recommended only in systems using
maximum cell measurement input resistance, Rc, of 1 k
Ω (which corresponds to minimum internal cell
balancing current or external cell balancing configuration).
Code
(in µs)
0x0
70
0x1
100
0x2
200
0x3
400
SCD_T2:0 (Bits 2–0): Short circuit in discharge threshold setting
Code
RSNS = 1 (in mV)
RSNS = 0 (in mV)
0x0
44
22
0x1
67
33
0x2
89
44
0x3
111
56
0x4
133
67
0x5
155
78
0x6
178
89
0x7
200
100
Table 7-10. PROTECT2 (0x07)
BIT
7
6
5
4
3
2
1
0
NAME
—
OCD_D2
OCD_D1
OCD_D0
OCD_T3
OCD_T2
OCD_T1
OCD_T0
RESET
0
0
0
0
0
0
0
0
ACCESS
R
RW
RW
RW
RW
RW
RW
RW
36
Detailed Description
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: bq76920 bq76930 bq76940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com