Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8150BMA-33 Datasheet(PDF) 50 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 50 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 46Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 47Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 48Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 49Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 50Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 51Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 52Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 53Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 54Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 50 of 107
April 2015 – Revision 2.1
6
ERROR HANDLING
PI7C8150B checks, forwards, and generates parity on both the primary and secondary
interfaces. To maintain transparency, PI7C8150B always tries to forward the existing
parity condition on one bus to the other bus, along with address and data. PI7C8150B
always attempts to be transparent when reporting errors, but this is not always possible,
given the presence of posted data and delayed transactions.
To support error reporting on the PCI bus, PI7C8150B implements the following:
PERR_L and SERR_L signals on both the primary and secondary interfaces
Primary status and secondary status registers
The device-specific P_SERR_L event disable register
This chapter provides detailed information about how PI7C8150B handles errors.
It also describes error status reporting and error operation disabling.
6.1
ADDRESS PARITY ERRORS
PI7C8150B checks address parity for all transactions on both buses, for all address and all
bus commands. When PI7C8150B detects an address parity error on the primary interface,
the following events occur:
If the parity error response bit is set in the command register, PI7C8150B does not
claim the transaction with P_DEVSEL_L; this may allow the transaction to terminate
in a master abort. If parity error response bit is not set, PI7C8150B proceeds normally
and accepts the transaction if it is directed to or across PI7C8150B.
PI7C8150B sets the detected parity error bit in the status register.
PI7C8150B asserts P_SERR_L and sets signaled system error bit in the status register,
if both the following conditions are met:
The SERR_L enable bit is set in the command register.
The parity error response bit is set in the command register.
When PI7C8150B detects an address parity error on the secondary interface, the following
events occur:
If the parity error response bit is set in the bridge control register, PI7C8150B does not
claim the transaction with S_DEVSEL_L; this may allow the transaction to terminate
in a master abort. If parity error response bit is not set, PI7C8150B proceeds normally
and accepts transaction if it is directed to or across PI7C8150B.
PI7C8150B sets the detected parity error bit in the secondary status register.
PI7C8150B asserts P_SERR_L and sets signaled system error bit in status register, if
both of the following conditions are met:
The SERR_L enable bit is set in the command register.
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com