Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8150BMA-33 Datasheet(PDF) 56 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 56 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 52Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 53Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 54Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 55Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 56Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 57Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 58Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 59Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 60Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 56 of 107
April 2015 – Revision 2.1
Assertion of P_SERR_L is used to signal the parity error condition when the initiator does
not know that the error occurred. Because the data has already been delivered with no
errors, there is no other way to signal this information back to the initiator. If the parity
error has forwarded from the initiating bus to the target bus, P_SERR_L will not be
asserted.
6.3
DATA PARITY ERROR REPORTING SUMMARY
In the previous sections, the responses of PI7C8150B to data parity errors are presented
according to the type of transaction in progress. This section organizes the responses of
PI7C8150B to data parity errors according to the status bits that PI7C8150B sets and the
signals that it asserts. Table 6-1 shows setting the detected parity error bit in the status
register, corresponding to the primary interface. This bit is set when PI7C8150B detects a
parity error on the primary interface.
Table 6-1. Setting the Primary Interface Detected Parity Error Bit
Primary Detected
Parity Error Bit
Transaction Type
Direction
Bus Where Error
Was Detected
Primary/
Secondary Parity
Error Response
Bits
0
Read
Downstream
Primary
x / x
0
Read
Downstream
Secondary
x / x
1
Read
Upstream
Primary
x / x
0
Read
Upstream
Secondary
x / x
1
Posted Write
Downstream
Primary
x / x
0
Posted Write
Downstream
Secondary
x / x
0
Posted Write
Upstream
Primary
x / x
0
Posted Write
Upstream
Secondary
x / x
1
Delayed Write
Downstream
Primary
x / x
0
Delayed Write
Downstream
Secondary
x / x
0
Delayed Write
Upstream
Primary
x / x
0
Delayed Write
Upstream
Secondary
x / x
X = don’t care
Table 6-2 shows setting the detected parity error bit in the secondary status register,
corresponding to the secondary interface. This bit is set when PI7C8150B detects a parity
error on the secondary interface.
Table 6-2. Setting Secondary Interface Detected Parity Error Bit
Secondary
Detected
Parity
Error Bit
Transaction Type
Direction
Bus Where Error
Was Detected
Primary/
Secondary Parity
Error Response
Bits
0
Read
Downstream
Primary
x / x
1
Read
Downstream
Secondary
x / x
0
Read
Upstream
Primary
x / x
0
Read
Upstream
Secondary
x / x
0
Posted Write
Downstream
Primary
x / x
0
Posted Write
Downstream
Secondary
x / x
0
Posted Write
Upstream
Primary
x / x
1
Posted Write
Upstream
Secondary
x / x
0
Delayed Write
Downstream
Primary
x / x
0
Delayed Write
Downstream
Secondary
x / x
0
Delayed Write
Upstream
Primary
x / x
1
Delayed Write
Upstream
Secondary
x / x
X = don’t care
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com