Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8150BMA-33 Datasheet(PDF) 99 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 99 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 95Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 96Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 97Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 98Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 99Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 100Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 101Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 102Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 103Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 99 of 107
April 2015 – Revision 2.1
a low to the TRST_L pin. In addition, the TAP controller can be initialized by applying a
high signal level on the TMS input for a minimum of five TCK periods.
For greater detail on the behavior of the TAP controller, test logic in each controller state
and the state machine and public instructions, refer to the IEEE 1149.1 Standard Test
Access Port and Boundary-Scan Architecture document (available from the IEEE).
Table 16-2. JTAG Boundary Register Order
Boundary-Scan
Register Number
Pin Name
Pin Number
Type
0
S_AD[0]
137
BIDIR
1
S_AD[1]
138
BIDIR
2
S_AD[2]
140
BIDIR
3
S_AD[3]
141
BIDIR
4
S_AD[4]
143
BIDIR
5
S_AD[5]
144
BIDIR
6
S_AD[6]
146
BIDIR
7
S_AD[7]
147
BIDIR
8
S_CBE[0]
149
BIDIR
9
S_AD[8]
150
BIDIR
10
S_AD[9]
152
BIDIR
11
S_M66EN
153
OUTPUT
12
S_AD[10]
154
BIDIR
13
S_AD[11]
159
BIDIR
14
S_AD[12]
161
BIDIR
15
S_AD[13]
162
BIDIR
16
S_AD[14]
164
BIDIR
17
S_AD[15]
165
BIDIR
18
CONTROL
19
S_CBE[1]
167
BIDIR
20
S_PAR
168
BIDIR
21
S_SERR_L
169
INPUT
22
S_PERR_L
171
BIDIR
23
S_LOCK_L
172
BIDIR
24
S_STOP_L
173
BIDIR
25
CONTROL
26
S_DEVSEL_L
175
BIDIR
27
S_TRDY_L
176
BIDIR
28
S_IRDY_L
177
BIDIR
29
S_FRAME_L
179
BIDIR
30
S_CBE[2]
180
BIDIR
31
S_AD[16]
182
BIDIR
32
S_AD[17]
183
BIDIR
33
S_AD[18]
185
BIDIR
34
S_AD[19]
186
BIDIR
35
S_AD[20]
188
BIDIR
36
S_AD[21]
189
BIDIR
37
S_AD[22]
191
BIDIR
38
S_AD[23]
192
BIDIR
39
S_CBE[3]
194
BIDIR
40
S_AD[24]
195
BIDIR
41
S_AD[25]
197
BIDIR
42
S_AD[26]
198
BIDIR
43
S_AD[27]
200
BIDIR
44
S_AD[28]
201
BIDIR
45
S_AD[29]
203
BIDIR
46
S_AD[30]
204
BIDIR
47
CONTROL
48
S_AD[31]
206
BIDIR
49
S_REQ_L[0]
207
INPUT
50
S_REQ_L[1]
2
INPUT
51
S_REQ_L[2]
3
INPUT
52
S_REQ_L[3]
4
INPUT
53
S_REQ_L[4]
5
INPUT
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com