Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8150BMA-33 Datasheet(PDF) 101 Page - Pericom Semiconductor Corporation

Part # PI7C8150BMA-33
Description  ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150BMA-33 Datasheet(HTML) 101 Page - Pericom Semiconductor Corporation

Back Button PI7C8150BMA-33 Datasheet HTML 97Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 98Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 99Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 100Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 101Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 102Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 103Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 104Page - Pericom Semiconductor Corporation PI7C8150BMA-33 Datasheet HTML 105Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 107 page
background image
PI7C8150B
ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
Page 101 of 107
April 2015 – Revision 2.1
Boundary-Scan
Register Number
Pin Name
Pin Number
Type
118
P_LOCK_L
87
INPUT
119
P_PERR_L
88
BIDIR
120
P_SERR_L
89
OUTPUT
121
P_PAR
90
BIDIR
122
P_CBE[1]
92
BIDIR
123
P_AD[15]
93
BIDIR
124
P_AD[14]
95
BIDIR
125
P_AD[13]
96
BIDIR
126
P_AD[12]
98
BIDIR
127
P_AD[11]
99
BIDIR
128
P_AD[10]
101
BIDIR
129
P_M66EN
102
INPUT
130
P_AD[9]
107
BIDIR
131
P_AD[8]
109
BIDIR
132
P_CBE[0]
110
BIDIR
133
P_AD[7]
112
BIDIR
134
P_AD[6]
113
BIDIR
135
P_AD[5]
115
BIDIR
136
P_AD[4]
116
BIDIR
137
P_AD[3]
118
BIDIR
138
P_AD[2]
119
BIDIR
139
P_AD[1]
121
BIDIR
140
P_AD[0]
122
BIDIR
141
CONTROL
142
CFG66
125
INPUT
143
MSK_IN
126
INPUT
17
ELECTRICAL AND TIMING SPECIFICATIONS
17.1
MAXIMUM RATINGS
(Above which the useful life may be impaired. For user guidelines, not tested).
Storage Temperature
-65C to 150C
Ambient Temperature with Power Applied – PI7C8150B
0C to 85C
Ambient Temperature with Power Applied – PI7C8150BI
-40C to 85C
Supply Voltage to Ground Potentials (AVCC and VDD only)
-0.3V to 3.6V
Voltage at Input Pins
-0.5V to 5.5V
Note:
Stresses greater than those listed under MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods of time may affect reliability.
15-0048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com