Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8750IPWPR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8750IPWPR
Description  DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8750IPWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC8750IPWPR Datasheet HTML 18Page - Texas Instruments DAC8750IPWPR Datasheet HTML 19Page - Texas Instruments DAC8750IPWPR Datasheet HTML 20Page - Texas Instruments DAC8750IPWPR Datasheet HTML 21Page - Texas Instruments DAC8750IPWPR Datasheet HTML 22Page - Texas Instruments DAC8750IPWPR Datasheet HTML 23Page - Texas Instruments DAC8750IPWPR Datasheet HTML 24Page - Texas Instruments DAC8750IPWPR Datasheet HTML 25Page - Texas Instruments DAC8750IPWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
N
CODE
IOUT
16mA •
4mA
2
=
+
N
CODE
IOUT
24mA •
2
=
N
CODE
IOUT
20mA •
2
=
22
DAC7750, DAC8750
SBAS538B – DECEMBER 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7750 DAC8750
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Feature Description (continued)
For a 5-V reference, the output can be expressed as shown in Equation 1 through Equation 3.
For a 0-mA to 20-mA output range, use Equation 1.
(1)
For a 0-mA to 24-mA output range, use Equation 2.
(2)
For a 4-mA to 20-mA output range, use Equation 3.
where
•
CODE is the decimal equivalent of the code loaded to the DAC
•
N is the bits of resolution; 16 for DAC8750, and 12 for DAC7750
(3)
The current-output range is normally set according to the value of the RANGE bits in the Control Register (see
Setting Current-Output Ranges for more details).
8.3.3 Internal Reference
The DACx750 includes an integrated 5-V reference with a buffered output (REFOUT) capable of driving up to 5
mA (source or sink) with an initial accuracy of ±5 mV maximum and a temperature drift coefficient of 10 ppm/°C
maximum.
8.3.4 Digital Power Supply
An internally generated 4.6-V supply capable of driving up to 10 mA can be output on DVDD by leaving the
DVDD-EN terminal unconnected. This eases the system power supply design when an isolation barrier is
required to generate the digital supply. It can be used to drive isolation components used for the digital data lines
and other miscellaneous components like references and temp sensors; see Figure 62 for an example
application.
If an external supply is preferred, the DVDD terminal (which can be driven up to 5.5 V in this case) can become
an input by tying DVDD-EN to GND. See Electrical Characteristics for detailed specifications.
8.3.5 DAC Clear
The DAC has an asynchronous clear function through the CLR terminal that is active-high and allows the current
output to be cleared to zero-scale code. When the CLR signal returns to low, the output remains at the cleared
value. The preclear value can be restored by pulsing the LATCH signal without clocking any data. A new value
cannot be programmed until the CLR terminal returns to low. To avoid glitches on the output, disable the output
by writing a 0 to the OUTEN bit of the Control Register before changing the current range.
8.3.6 Power-Supply Sequence
The DACx750 has internal power on reset (POR) circuitry for both the digital DVDD and analog AVDD supplies.
This circuitry makes sure that the internal logic and power-on state of the DAC power up to the proper state,
independent of the supply sequence. While there is no required supply power-on sequence, the recommendation
is to first have the digital DVDD supply power on, followed by the analog AVDD supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com