Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8750IPWPR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8750IPWPR
Description  DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8750IPWPR Datasheet(HTML) 34 Page - Texas Instruments

Back Button DAC8750IPWPR Datasheet HTML 30Page - Texas Instruments DAC8750IPWPR Datasheet HTML 31Page - Texas Instruments DAC8750IPWPR Datasheet HTML 32Page - Texas Instruments DAC8750IPWPR Datasheet HTML 33Page - Texas Instruments DAC8750IPWPR Datasheet HTML 34Page - Texas Instruments DAC8750IPWPR Datasheet HTML 35Page - Texas Instruments DAC8750IPWPR Datasheet HTML 36Page - Texas Instruments DAC8750IPWPR Datasheet HTML 37Page - Texas Instruments DAC8750IPWPR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
+
12-/16-Bita__
DAC__a
RSET
R2
T1
A1
+
T2
A2
R3
í
í
12.5 k
HART FSK Input
C1
C2
CAP2
CAP1
AVDD
GND
IOUT
BOOST
R3-SENSE
34
DAC7750, DAC8750
SBAS538B – DECEMBER 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7750 DAC8750
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 Implementing HART in All Current Output Modes
If it is desirable to implement HART irrespective of the RANGE bit settings, there are two ways to do this.
9.1.1.1 Using CAP2 Terminal
The first method of implementing HART is to couple the signal through the CAP2 pin, as illustrated in Figure 60.
Note that this pin is only available in the 40-pin VQFN package
Figure 60. Implementing HART on IOUT Using the CAP2 Terminal
In Figure 60, R3 is nominally 40 Ω, and R2 is dependent on the current output range (set by the RANGE bits),
described as follows:
•
4-mA to 20-mA range: R2 = 2.4 kΩ (typical)
•
0-mA to 20-mA range: R2 = 3 kΩ (typical)
•
0-mA to 24-mA range: R2 = 3.6 kΩ (typical)
The purpose of the 12.5-kΩ resistor is to create a filter when CAP1 and CAP2 are used.
To insert the external HART signal on the CAP2 terminal, an external ac-coupling capacitor is typically connected
to CAP2. The high pass filter 3-dB frequency is determined by the resistive impedance looking into
CAP2 (R2 + 12.5 kΩ) and the coupling-capacitor value. The 3-dB frequency is 1 / (2 × π × [R2 + 12.5 kΩ] ×
[Coupling Capacitor Value]).
When the input HART frequency is greater than the 3-dB frequency, the ac signal is seen at the plus input of
amplifier A2 and is therefore seen across the 40-Ω resistor. To generate a 1-mA signal on the output therefore
requires a 40-mV peak-to-peak signal on CAP2. Because most HART modems do not output a 40-mV signal, a
capacitive divider is used in Figure 60 to attenuate the FSK signal from the modem. In Figure 60, the high-pass
cutoff frequency is 1 / (2 × π × [R2+ 12.5 kΩ] × [C1 + C2]). There is one disadvantage to this approach: if the
AVDD supply is not clean, any ripple on it could couple into the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com