Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8750IPWPR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8750IPWPR
Description  DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8750IPWPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button DAC8750IPWPR Datasheet HTML 22Page - Texas Instruments DAC8750IPWPR Datasheet HTML 23Page - Texas Instruments DAC8750IPWPR Datasheet HTML 24Page - Texas Instruments DAC8750IPWPR Datasheet HTML 25Page - Texas Instruments DAC8750IPWPR Datasheet HTML 26Page - Texas Instruments DAC8750IPWPR Datasheet HTML 27Page - Texas Instruments DAC8750IPWPR Datasheet HTML 28Page - Texas Instruments DAC8750IPWPR Datasheet HTML 29Page - Texas Instruments DAC8750IPWPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
Time (150 µs/ div)
no cap
3 nF CAP1
3 nF CAP2
10 nF CAP1
10 nF CAP2
0 mA to 20 mA range
C001
SRCLK=1100h
SRSTEP = 111h
Slew Time =
Output Change
Step Size Update Clock Frequency LSB Size
·
·
26
DAC7750, DAC8750
SBAS538B – DECEMBER 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7750 DAC8750
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Table 4. Slew Rate Update Clock (SRCLK) Options
SRCLK
DAC UPDATE FREQUENCY (Hz)
0000
258,065
0001
200,000
0010
153,845
0011
131,145
0100
115,940
0101
69,565
0110
37,560
0111
25,805
1000
20,150
1001
16,030
1010
10,295
1011
8,280
1100
6,900
1101
5,530
1110
4,240
1111
3,300
The time required for the output to slew over a given range is expressed as Equation 5.
where
•
Slew Time is expressed in seconds
•
Output Change is expressed in amps (A) for IOUT or volts (V) for VOUT
(5)
When the slew rate control feature is enabled, all output changes happen at the programmed slew rate. This
configuration results in a staircase formation at the output. If the CLR terminal is asserted, the output slews to the
zero-scale value at the programmed slew rate. Bit 1 (SR-ON) of the Status Register can be read to verify that the
slew operation has completed. The update clock frequency for any given value is the same for all output ranges.
The step size, however, varies across output ranges for a given value of step size because the LSB size is
different for each output range. Figure 55 shows an example of IOUT slewing at a rate set by the above
described parameters. In this example for the DAC8750 (LSB size of 305 nA for the 0-mA to 20-mA range), the
settings correspond to an update clock frequency of 6.9 kHz and a step size of 128 LSB. As is shown in the case
with no capacitors on CAP1 or CAP2, the steps occur at the update clock frequency (6.9 kHz corresponds to a
period close to 150 µs), and the size of each step is approximately 38 µA (128 × 305 nA). Calculate the slew
time for a specific code change by using Equation 5.
Figure 55. IOUT vs Time with Digital Slew Rate Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com