Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8750IPWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8750IPWPR
Description  DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8750IPWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC8750IPWPR Datasheet HTML 2Page - Texas Instruments DAC8750IPWPR Datasheet HTML 3Page - Texas Instruments DAC8750IPWPR Datasheet HTML 4Page - Texas Instruments DAC8750IPWPR Datasheet HTML 5Page - Texas Instruments DAC8750IPWPR Datasheet HTML 6Page - Texas Instruments DAC8750IPWPR Datasheet HTML 7Page - Texas Instruments DAC8750IPWPR Datasheet HTML 8Page - Texas Instruments DAC8750IPWPR Datasheet HTML 9Page - Texas Instruments DAC8750IPWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
6
DAC7750, DAC8750
SBAS538B – DECEMBER 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7750 DAC8750
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
DAC7750, DAC8750
UNIT
RHA (VQFN)
PWP (HTSSOP)
40 PINS
24 PINS
RθJA
Junction-to-ambient thermal resistance
32.9
32.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
17.2
14.1
°C/W
RθJB
Junction-to-board thermal resistance
7.5
12.2
°C/W
ψJT
Junction-to-top characterization parameter
0.2
0.3
°C/W
ψJB
Junction-to-board characterization parameter
7.5
12
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.4
0.63
°C/W
(1)
DAC8750 and DAC7750 current output range is set by writing to RANGE bits in control register at address 0x55.
(2)
For 0-mA to 20-mA and 0-mA to 24-mA ranges, INL is calculated beginning from code 0x0100 for DAC8750 and from code 0x0010 for
DAC7750.
7.5 Electrical Characteristics
At AVDD = 10 V to 36 V, GND = 0 V, REFIN = 5 V external, DVDD = 2.7 V to 5.5 V, and all specifications are from –40°C to
125°C (unless otherwise noted). For IOUT, RL = 300 Ω. Typical specifications are at 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT OUTPUT
Current output
0
24
mA
0
20
4
20
Resolution
DAC8750
16
Bits
DAC7750
12
CURRENT OUTPUT ACCURACY (0 mA TO 20 mA AND 0 mA TO 24 mA)(1)
Total unadjusted error, TUE
TA = –40°C to 125°C
–0.2%
0.2%
FSR
TA = –40°C to 85°C
–0.16%
0.16%
TA = 25°C
–0.08%
±0.02%
0.08%
Differential nonlinearity, DNL
Monotonic
±1
LSB
Relative accuracy, INL(2)
TA = –40°C to 125°C
±0.08%
FSR
TA = –40°C to 85°C
±0.024%
Offset error
TA = –40°C to 125°C
–0.17%
0.17%
FSR
TA = –40°C to 85°C
–0.1%
0.1%
TA = 25°C
–0.07%
±0.01%
0.07%
Offset error temperature coefficient
±5
ppm FSR/°C
Full-scale error
TA = –40°C to 125°C
–0.2%
0.2%
FSR
TA = –40°C to 85°C
–0.16%
0.16%
TA = 25°C
–0.08%
±0.015%
0.08%
Full-scale error temperature coefficient
Internal RSET
±5
ppm FSR/°C
External RSET
±10
Gain error
Internal RSET
TA = –40°C to 125°C
–0.2%
0.2%
FSR
TA = –40°C to 85°C
–0.15%
0.15%
TA = 25°C
–0.08%
±0.01%
0.08%
External RSET
TA = –40°C to 125°C
–0.17%
0.17%
TA = –40°C to 85°C
–0.12%
0.12%
TA = 25°C
–0.05%
±0.01%
0.05%
Gain error temperature coefficient
Internal RSET
±3
ppm FSR/°C
External RSET
±8
Output current drift vs time
TA = 125°C, 1000 hrs
Internal RSET
±50
ppm FSR
External RSET
±25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com