Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8750IPWPR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8750IPWPR
Description  DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8750IPWPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button DAC8750IPWPR Datasheet HTML 21Page - Texas Instruments DAC8750IPWPR Datasheet HTML 22Page - Texas Instruments DAC8750IPWPR Datasheet HTML 23Page - Texas Instruments DAC8750IPWPR Datasheet HTML 24Page - Texas Instruments DAC8750IPWPR Datasheet HTML 25Page - Texas Instruments DAC8750IPWPR Datasheet HTML 26Page - Texas Instruments DAC8750IPWPR Datasheet HTML 27Page - Texas Instruments DAC8750IPWPR Datasheet HTML 28Page - Texas Instruments DAC8750IPWPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
15
16
User _ GAIN
2
CODE _ OUT
CODE •
User _ ZERO
2
+
=
+
25
DAC7750, DAC8750
www.ti.com
SBAS538B – DECEMBER 2013 – REVISED JUNE 2016
Product Folder Links: DAC7750 DAC8750
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
8.3.11 User Calibration
The device implements a user-calibration function (enabled by the CALEN bit in the Configuration Register) to
trim system gain and zero errors. The DAC output is calibrated according to the value of the gain calibration and
zero calibration registers. The range of gain adjustment is typically ±50% of full-scale with 1 LSB per step. The
gain register must be programmed to 0x8000 to achieve the default gain of 1 because the power-on value of the
register is 0x0000, equivalent to a gain of 0.5. The zero code adjustment is typically ±32,768 LSBs with 1 LSB
per step. The input data format of the gain register is unsigned straight binary, and the input data format of the
zero register is twos complement. The gain and offset calibration is described by Equation 4.
where
•
CODE is the decimal equivalent of the code loaded to the DAC data register at address 0x01
•
N is the bits of resolution (16 for DAC8750 and 12 for DAC7750)
•
User_ZERO is the signed 16-bit code in the zero register
•
User_GAIN is the unsigned 16-bit code in the gain register
•
CODE_OUT is the decimal equivalent of the code loaded to the DAC (limited between 0x0000 to 0xFFFF for
DAC8750 and 0x000 to 0xFFF for DAC7750)
(4)
This is a purely digital implementation and the output is still limited by the programmed value at both ends of the
current output range (set by the RANGE bits, as described in Setting Current-Output Ranges). In addition, the
correction only makes sense for endpoints inside of the true device end points. To correct more than just the
actual device error, for example a system offset, the valid range for the adjustment changes accordingly and
must be taken into account.
8.3.12 Programmable Slew Rate
The slew rate control feature controls the rate at which the output current changes. With the slew rate control
feature disabled, the output changes smoothly at a rate limited by the output drive circuitry and the attached load.
To reduce the slew rate, enable the slew rate control feature through bit 4 of the Control Register. With this
feature enabled, the output does not slew directly between the two values. Instead, the output steps digitally at a
rate defined by bits [7:5] (SRSTEP) and bits [11:8] (SRCLK) of the Control Register. SRCLK defines the rate at
which the digital slew updates; SRSTEP defines the amount by which the output value changes at each update.
If the DAC data register is read while the DAC output is still changing, the instantaneous value is read. Table 3
lists the slew rate step-size options. Table 4 summarizes the slew rate update clock options.
Table 3. Slew Rate Step-Size (SRSTEP) Options
SRSTEP
STEP SIZE (LSB)
DAC7750
DAC8750
000
0.0625
1
001
0.125
2
010
0.125
4
011
0.5
8
100
1
16
101
2
32
110
4
64
111
8
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com