Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8750IPWPR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8750IPWPR
Description  DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8750IPWPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button DAC8750IPWPR Datasheet HTML 25Page - Texas Instruments DAC8750IPWPR Datasheet HTML 26Page - Texas Instruments DAC8750IPWPR Datasheet HTML 27Page - Texas Instruments DAC8750IPWPR Datasheet HTML 28Page - Texas Instruments DAC8750IPWPR Datasheet HTML 29Page - Texas Instruments DAC8750IPWPR Datasheet HTML 30Page - Texas Instruments DAC8750IPWPR Datasheet HTML 31Page - Texas Instruments DAC8750IPWPR Datasheet HTML 32Page - Texas Instruments DAC8750IPWPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
Bit
Boundary
Phase
Continuous
2200 Hz
(space)
1200 Hz
(mark)
Time
5.5 mA
6.5 mA
6.0 mA
Bit Cell Time = 833 s
m
29
DAC7750, DAC8750
www.ti.com
SBAS538B – DECEMBER 2013 – REVISED JUNE 2016
Product Folder Links: DAC7750 DAC8750
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
NOTE: DC current = 6 mA.
Figure 58. Output Current vs Time
Table 6. HART-IN Terminal Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input impedance
HART signal ac-coupled into terminal
35
kΩ
Output current (peak-to-peak)
Input signal of 500 mV (peak-to-peak)
0.9
1
1.1
mA
8.4.6.2 Implementing HART in All Current Output Modes
The use of the HART-IN terminal to implement HART modulation is limited to the case where the RANGE bits of
the Control Register are set to the 4-mA to 20-mA range. If it is desirable to implement HART in all current-output
modes, refer to Implementing HART In All Current Output Modes in Application Information.
8.5 Programming
Table 11 shows the available commands and registers on the DACx750 devices. No operation, read operation,
and watchdog timer refer to commands and are not explicit registers. For more information on these commands,
see the Read Operation and Watchdog Timer sections.
8.5.1 Serial Peripheral Interface (SPI)
The device is controlled over a versatile four-wire serial interface (SDI, SDO, SCLK, and LATCH) that operates at
clock rates of up to 30 MHz and is compatible with SPI, QSPI™, Microwire, and digital signal processing (DSP)
standards. The SPI communication command consists of a write address byte and a data word for a total of 24
bits. The timing for the digital interface is shown in Figure 1, Figure 2, and Figure 3.
8.5.1.1 SPI Shift Register
The default frame is 24 bits wide (see Frame Error Checking for 32-bit frame mode) and begins with the rising
edge of SCLK that clocks in the MSB. The subsequent bits are latched on successive rising edges of SCLK. The
default 24-bit input frame consists of an 8-bit address byte followed by a 16-bit data word as shown in Table 7.
Table 7. Default SPI Frame
BIT 23:BIT 16
BIT 15:BIT 0
Address byte
Data word
The host processor must issue 24 bits before it issues a rising edge on the LATCH terminal. Input data bits are
clocked in regardless of the LATCH terminal and are unconditionally latched on the rising edge of LATCH. By
default, the SPI shift register resets to 0x000000 at power on or after a reset.
8.5.1.2 Write Operation
A write operation is accomplished when the address byte is set according to Table 8. For more information on
the DACx750 registers, see the Register Maps section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com