Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8750IPWPR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8750IPWPR
Description  DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8750IPWPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button DAC8750IPWPR Datasheet HTML 28Page - Texas Instruments DAC8750IPWPR Datasheet HTML 29Page - Texas Instruments DAC8750IPWPR Datasheet HTML 30Page - Texas Instruments DAC8750IPWPR Datasheet HTML 31Page - Texas Instruments DAC8750IPWPR Datasheet HTML 32Page - Texas Instruments DAC8750IPWPR Datasheet HTML 33Page - Texas Instruments DAC8750IPWPR Datasheet HTML 34Page - Texas Instruments DAC8750IPWPR Datasheet HTML 35Page - Texas Instruments DAC8750IPWPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
32
DAC7750, DAC8750
SBAS538B – DECEMBER 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7750 DAC8750
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
8.6.1 DACx750 Register Descriptions
8.6.1.1 Control Register
The DACx750 control register is written to at address 0x55. Table 12 shows the description for the control
register bits.
Table 12. Control Register
DATA BIT(S)
NAME
DEFAULT
DESCRIPTION
DB15:DB14
Reserved
00
Reserved. Do not write any value other than zero to these bits.
DB13
REXT
0
External current setting resistor enable.
DB12
OUTEN
0
Output enable.
Bit = 1: Output is determined by RANGE bits.
Bit = 0: Output is disabled. IOUT is Hi-Z.
DB11:DB8
SRCLK[3:0]
0000
Slew rate clock control. Ignored when bit SREN = 0.
DB7:DB5
SRSTEP[2:0]
000
Slew rate step size control. Ignored when bit SREN = 0.
DB4
SREN
0
Slew Rate Enable.
Bit = 1: Slew rate control is enabled, and the ramp speed of the output change is determined
by SRCLK and SRSTEP.
Bit = 0: Slew rate control is disabled. Bits SRCLK and SRSTEP are ignored. The output
changes to the new level immediately.
DB3
DCEN
0
Daisy-chain enable.
DB2:DB0
RANGE[2:0]
000
Output range bits.
8.6.1.2 Configuration Register
The DACx750 configuration register is written to at address 0x57. Table 13 summarizes the description for the
configuration register bits.
Table 13. Configuration Register
DATA BIT(S)
NAME
DEFAULT
DESCRIPTION
DB15:DB6
Reserved
00 0000 0000
Reserved. Do not write any value other than zero to these bits.
DB5
CALEN
0
User calibration enable. When user calibration is enabled, the DAC data are
adjusted according to the contents of the gain and zero calibration registers. See
the User Calibration section.
DB4
HARTEN
0
Enable interface through HART-IN terminal (only valid for IOUT set to 4-mA to
20-mA range through RANGE bits).
Bit = 1: HART signal is connected through internal resistor and modulates output
current.
Bit = 0: HART interface is disabled.
DB3
CRCEN
0
Enable frame error checking.
DB2
WDEN
0
Watchdog timer enable.
DB1:DB0
WDPD[1:0]
00
Watchdog timeout period.
8.6.1.3 DAC Registers
The DAC registers consist of a DAC data register (Table 14), a DAC gain calibration register (Table 15), and a
DAC zero calibration register (Table 16). User calibration as described in the User Calibration section is a feature
that allows for trimming the system gain and zero errors. Table 14 through Table 16 show the DAC8750, 16-bit
version of these registers. The DAC7750 (12-bit version) register contents are located in DB15:DB4. For
DAC7750, DB3:DB0 are don't care bits when writing and zeros when reading.
Table 14. DAC Data Register
DATA BITS
NAME
DEFAULT
DESCRIPTION
DB15:DB0
D15:D0
0x0000
DAC data register. Format is unsigned straight binary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com